Electronic Components Datasheet Search
  English  ▼

X  

EM346 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # EM346
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button EM346 Datasheet HTML 28Page - Silicon Laboratories EM346 Datasheet HTML 29Page - Silicon Laboratories EM346 Datasheet HTML 30Page - Silicon Laboratories EM346 Datasheet HTML 31Page - Silicon Laboratories EM346 Datasheet HTML 32Page - Silicon Laboratories EM346 Datasheet HTML 33Page - Silicon Laboratories EM346 Datasheet HTML 34Page - Silicon Laboratories EM346 Datasheet HTML 35Page - Silicon Laboratories EM346 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
EM346
32
Rev 1.0
5.2.3. Registers
Appendix A, Register Address Table provides a short description of all application-accessible registers within the
EM346. Complete descriptions are provided at the end of each applicable peripheral’s description. The registers
are mapped to the system address space starting at address 0x40000000. These registers allow for the control
and configuration of the various peripherals and modules. The CPU only performs word-aligned accesses on the
system bus. The CPU performs a word aligned read-modify-write for all byte, half-word, and unaligned writes and a
word-aligned read for all reads. Silicon Labs recommends accessing all peripheral registers using word-aligned
addressing.
As with the RAM, the peripheral registers fall within an address range that allows for bit-band access by the ARM®
CortexTM-M3, but the standard MPU configuration does not allow access to this alias address range.
5.3. Memory Protection Unit
The EM346 includes the ARM® CortexTM-M3 Memory Protection Unit, or MPU. The MPU controls access rights
and characteristics of up to eight address regions, each of which may be divided into eight equal sub-regions.
Refer to the ARM® CortexTM-M3 Technical Reference Manual (DDI 0337A) for a detailed description of the MPU.
Ember software configures the MPU in a standard configuration and application software should not modify it. The
configuration is designed for optimal detection of illegal instruction or data accesses. If an illegal access is
attempted, the MPU captures information about the access type, the address being accessed, and the location of
the offending software. This simplifies software debugging and increases the reliability of deployed devices. As a
consequence of this MPU configuration, accessing RAM and register bit-band address alias regions is not
permitted, and generates a bus fault if attempted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com