| Electronic Components Datasheet Search |
|
EM346 Datasheet(PDF) 45 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM346 Datasheet(HTML) 45 Page - Silicon Laboratories |
|
45 / 142 page ![]() EM346 Rev 1.0 45 6.5.2. Basic Sleep Modes The power management state diagram in Figure 6.3 shows the basic operation of the power management controller. Figure 6.3. Power Management State Diagram In normal operation an application may request one of two low power modes through program execution: Idle Sleep is achieved by executing a WFI instruction while the SLEEPDEEP bit in the Cortex System Control register (SCS_SCR) is clear. This puts the CPU into an idle state where execution is suspended until an interrupt occurs. This is indicated by the state at the bottom of the diagram. Power is maintained to the core logic of the EM346 during the Idle Sleeping state. Deep sleep is achieved by executing a WFI instruction with the SLEEPDEEP bit in SCS_SCR set. This triggers the state transitions around the main loop of the diagram, resulting in powering down the EM346's core logic, and leaving only the always-on domain powered. Wake up is triggered when one of the pre- determined events occurs. If a deep sleep is requested the EM346 first enters a pre-deep sleep state. This state prevents any section of the chip from being powered off or reset until the SWJ goes idle (by clearing CSYSPWRUPREQ). This pre-deep sleep state ensures debug operations are not interrupted. In the deep sleep state the EM346 waits for a wake up event which will return it to the running state. In powering up the core logic the ARM® CortexTM-M3 is put through a reset cycle and Ember software restores the stack and application state to the point where deep sleep was invoked. DEEP SLEEP EMULATED DEEP SLEEP PRE-DEEP SLEEP RUNNING IDLE SLEEP CDBGPWRUPREQ set CDBGPWRUPREQ cleared Deep sleep requested (WFI instruction with SLEEP_DEEP=1) Interr upt CSY SPW RUP REQ & IN HIB IT Wak e up even t (rese ts th e pro cess or) CD BG PW RU PR EQ =1 & C SY SP WR UP RE Q= 0 Sleep requ ested (WFI instr uction with SLEEP_D EEP=0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |