Electronic Components Datasheet Search
  English  ▼

X  

EM346 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # EM346
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button EM346 Datasheet HTML 17Page - Silicon Laboratories EM346 Datasheet HTML 18Page - Silicon Laboratories EM346 Datasheet HTML 19Page - Silicon Laboratories EM346 Datasheet HTML 20Page - Silicon Laboratories EM346 Datasheet HTML 21Page - Silicon Laboratories EM346 Datasheet HTML 22Page - Silicon Laboratories EM346 Datasheet HTML 23Page - Silicon Laboratories EM346 Datasheet HTML 24Page - Silicon Laboratories EM346 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
EM346
Rev 1.0
21
3. Functional Description
The EM346 is a fully integrated system-on-chip that integrates a 2.4 GHz, IEEE 802.15.4-2003-compliant
transceiver, 32-bit ARM® Cortex-M3 microprocessor, flash and RAM memory, and peripherals of use to designers
of ZigBee-based RF4CE systems.
The transceiver uses an efficient architecture that exceeds the dynamic range requirements imposed by the IEEE
802.15.4-2003 standard by over 15 dB. The integrated receive channel filtering allows for robust co-existence with
other communication standards in the 2.4 GHz spectrum, such as IEEE 802.11-2007 and Bluetooth. The integrated
regulator, VCO, loop filter, and power amplifier keep the external component count low. An optional high
performance radio mode (boost mode) is software-selectable to boost dynamic range.
The integrated 32-bit ARM® Cortex
-M3 microprocessor is highly optimized for high performance, low power
consumption, and efficient memory utilization. Including an integrated MPU, it supports two different modes of
operation—privileged mode and user mode. This architecture could allow for separation of the networking stack
from the application code, and prevents unwanted modification of restricted areas of memory and registers
resulting in increased stability and reliability of deployed solutions.
The EM346 has 192 kB of embedded flash memory. It has 12 kB of integrated RAM for data and program storage.
The Ember software for the EM346 employs an effective wear-leveling algorithm that optimizes the lifetime of the
embedded flash.
To maintain the strict timing requirements imposed by the ZigBee RF4CE and IEEE 802.15.4-2003 standards, the
EM346 integrates a number of MAC functions, AES128 encryption accelerator, and automatic CRC handling into
the hardware. The MAC hardware handles automatic ACK transmission and reception, automatic backoff delay,
and clear channel assessment for transmission, as well as automatic filtering of received packets. The Ember
Packet Trace Interface is also integrated with the MAC, allowing complete, non-intrusive capture of all packets to
and from the EM346 with Ember development tools.
The EM346 offers a number of advanced power management features that enable long battery life. A high-
frequency internal RC oscillator allows the processor core to begin code execution quickly upon waking. Various
deep sleep modes are available with less than 1 µA power consumption while retaining RAM contents. To support
user-defined applications, on-chip peripherals include UART, SPI (slave only), as well as up to 16 GPIOs.
Additionally, an integrated voltage regulator, power-on-reset circuit, and sleep timer are available.
Finally, the EM346 utilizes standard Serial Wire and JTAG interfaces for powerful software debugging and
programming of the ARM Cortex
-M3 core. The EM346 integrates the standard ARM system debug components:
Flash Patch and Breakpoint (FPB), Data Watchpoint and Trace (DWT), and Instrumentation Trace Macrocell (ITM).
Target applications for the EM346 include the following:

RF4CE

Home automation and control

Security and monitoring

General ZibBee wireless sensor networking
The technical data sheet details the EM346 features available to customers using it with Ember software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com