Electronic Components Datasheet Search
  English  ▼

X  

AMS303 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS303
Description  MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS303 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS303 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS303
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage
2.7V to 16V
Temperature Range (Note 5)
-40ºC to +85ºC
Differential Input Voltage
±Supply Voltage
Storage Temp. Range
-65ºC to 150ºC
ESD Tolerance (Note 2)
2000V
Junction Temperature (Note 5)
150ºC
Infrared or Convection (20 sec)
235ºC
Thermal Resistance (Note 10)
265ºC
2.7V ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA = 25ºC, V
+ = 2.7V, V- = 0V, VCM = VO = V+/2 unless otherwise noted.
PARAMETER
CONDITIONS
AMS303
Min.
Typ.
Max.
(Note 7)
(Note 6)
(Note 7)
Units
Input Offset Voltage
0.5
5
mV
Input Offset Voltage Average Drift
2
µV/ºC
Input Bias Current
11
20
nA
Input Offset Current
5
15
nA
Av
Voltage Gain
100
dB
Common Mode Rejection Ratio
0V ≤ VCM ≤ 2.7V
75
dB
Power Supply Rejection Ratio
2.7V ≤ V+ ≤ 10V
80
dB
Input Common-Mode Voltage
Range
For CMRR ≥ 55 dB
0
-0.2
2.7
2.75
V
V
Output Low
Iload= 2mA
0.2
300
mV
Supply Current
7
10
µA
5.0V DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA = 25ºC, V
+ = 5.0V, V- = 0V, VCM = VO = V+/2 unless otherwise noted.
PARAMETER
CONDITIONS
AMS303
Min.
Typ.
Max.
(Note 7)
(Note 6)
(Note 7)
Units
Input Offset Voltage
0.5
5
mV
Input Offset Voltage Average Drift
2
µV/ºC
Input Bias Current
11
20
nA
Input Offset Current
5
15
nA
Av
Voltage Gain
100
dB
Common Mode Rejection Ratio
0V ≤ VCM ≤ 5.0V
75
dB
Power Supply Rejection Ratio
5V ≤ V+ ≤ 10V
80
dB
Input Common-Mode Voltage
Range
For CMRR ≥ 55 dB
0
-0.2
2.7
2.75
V
V
Output Low
Iload= 2mA
0.2
300
mV
Supply Current
7
10
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com