Electronic Components Datasheet Search
  English  ▼

X  

AMS303 Datasheet(PDF) 6 Page - Advanced Monolithic Systems Ltd

Part # AMS303
Description  MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS303 Datasheet(HTML) 6 Page - Advanced Monolithic Systems Ltd

  AMS303 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS303
APPLICATION INFORMATION
AMS303 is an open collector with a very low supply
current of typical 7uA. The advantage of this product is
the small space package and simplicity of application. It
operates from as low as +2.7V to +15Vand the output
pull-up resistor could be biased from higher or lower
voltage then Vcc. When a large input signal is applied,
an input resistor should be used to limit the input current
in case of excessive input voltage. If the input voltage is
pulled above the supply voltage Vcc, a set of clamp
diode should be used to protect the input circuit. Since
AMS303 is a high impedance input, PCB layout
precautions should be taken to avoid noise pick-up from
adjacent circuits or electrically noisy environments. A
good practice is to keep the input traces very short and
input components very close to the package. If long
conductors are necessary, shielded or twisted pairs
should be used.
-
+
VCC
R pull-up
Vo
RF
VIN
R1
RIN
R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com