Electronic Components Datasheet Search
  English  ▼

X  

AMS303 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS303
Description  MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS303 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS303 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS303
Monolithic
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Guaranteed 2.7V to 15V supplies
• Mobile battery operated products
• Open Collector Output
• Notebooks and PDA’s
• Industrial temperature range: -40ºC to +85ºC
• Alarmed Circuits
• Low Offset Voltage <5mV
• LED driver
• Low Supply Current: 7µA
• Communication Circuits
GENERAL DESCRIPTION
The AMS303 has rail-to-rail output swing and input common-mode voltage. It exhibit excellent speed-power ratio, achieving
a Propagation Delay of 400ns with low supply current.
The AMS303 is available in space saving 5-Pin SOT23. The small package saves space on pc boards, and enables the design of
small portable electronic devices. It also allows the designer to place the device closer to the signal source to reduce noise
pickup and increase signal integrity.
ORDERING INFORMATION:
PIN CONNECTIONS
MAX.
PACKAGE TYPE
OPERATING
OFFSET
5 LEAD SOT-23
TEMP. RANGE
5mV
AMS303AM1
-40 to +85
°C
15mV
AMS303M1
-40 to +85
°C
TYPICAL APPLICATION
5L SOT-23
(M1)
VO
+IN
VCC
-IN
GND
3
2
4
15
Top View
-
+
VCC
Vo
RF
R1
RIN
VIN
Vref
R pull-up


Similar Part No. - AMS303

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
More results

Similar Description - AMS303

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
NXP Semiconductors
74F524 PHILIPS-74F524 Datasheet
131Kb / 14P
8-bit register comparator open-collector 3-State
1990 Aug 07
logo
National Semiconductor ...
DM7136 NSC-DM7136 Datasheet
145Kb / 3P
6-BIT UNIFIED BUS COMPARATOR WITH OPEN-COLLECTOR OUTPUT
logo
Honeywell Solid State E...
SDP8304 HONEYWELL-SDP8304 Datasheet
395Kb / 4P
Optoschmitt Detector Open-Collector Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
Texas Instruments
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
STMicroelectronics
ST1S14 STMICROELECTRONICS-ST1S14 Datasheet
2Mb / 46P
Power good open collector output
04-Mar-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com