Electronic Components Datasheet Search
  English  ▼

X  

AMS303 Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # AMS303
Description  MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS303 Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

  AMS303 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS303 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS303
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
5 LEAD SOT-23 PLASTIC PACKAGE (M1
0.059-0.070
(1.50-1.75)
0.014-0.020
(0.350-0.50)
0.110-0.120
(2.794-3.048)
0.102-0.118
(2.60-3.00)
0.037
(0.95)
TYP
0.075
(1.90)
TYP
0.018-0.024
(0.457-0.610)
10°
NOM
0.0035-0.0080
(0.090-0.20)
(SOT-23-5 ) AMS DRW# 051001
0.036-0.051
(0.090-1.30)
0.003
(0.150)
MAX
0.018-0.024
(0.457-0.610)
10°
NOM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com