Electronic Components Datasheet Search
  English  ▼

X  

SI5347 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5347
Description  DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5347 Datasheet HTML 7Page - Silicon Laboratories SI5347 Datasheet HTML 8Page - Silicon Laboratories SI5347 Datasheet HTML 9Page - Silicon Laboratories SI5347 Datasheet HTML 10Page - Silicon Laboratories SI5347 Datasheet HTML 11Page - Silicon Laboratories SI5347 Datasheet HTML 12Page - Silicon Laboratories SI5347 Datasheet HTML 13Page - Silicon Laboratories SI5347 Datasheet HTML 14Page - Silicon Laboratories SI5347 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Si5347/46
Rev. 1.1
11
Table 6. LVCMOS Clock Output Specifications
(VDD = 1.8 V ±5%, VDDA =3.3 V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Frequency
fOUT
0.0001
—
250
MHz
Duty Cycle
DC
fOUT <100 MHz
47
—
53
%
100 MHz < fOUT < 250 MHz
44
—
55
Output-to-Output Skew
TSK
LVCMOS outputs
—
—
100
ps
Output Voltage High1, 2, 3
VOH
VDDO = 3.3 V
OUTx_CMOS_DRV=1
IOH = –10 mA
VDDO x
0.75
——
V
OUTx_CMOS_DRV=2
IOH = –12 mA
—
—
OUTx_CMOS_DRV=3
IOH = –17 mA
—
—
VDDO = 2.5 V
OUTx_CMOS_DRV=1
IOH = –6 mA
VDDO x
0.75
——
V
OUTx_CMOS_DRV=2
IOH = –8 mA
—
—
OUTx_CMOS_DRV=3
IOH = –11 mA
—
—
VDDO = 1.8 V
OUTx_CMOS_DRV=2
IOH = –4 mA
VDDO x
0.75
——
V
OUTx_CMOS_DRV=3
IOH = –5 mA
—
—
Notes:
1. Driver strength is a register programmable setting and stored in NVM. Options are OUTx_CMOS_DRV = 1, 2, 3. Refer
to the Si5347/46 Family Reference Manual for more details on register settings.
2. IOL/IOH is measured at VOL/VOH as shown in the dc test configuration.
3. A 5 pF capacitive load is assumed. The LVCMOS outputs were set to OUTx_CMOS_DRV = 3.
DC Test Configuration
Zs
IOL/IOH
VOL/VOH
50
OUT
OUT
IDDO
Trace length 5
inches
50
4.7 pF
499
56
4.7 pF
499
56
50
 Scope Input
50
 Scope Input
0.1 µF
0.1 µF
LVCMOS Output Test Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com