Electronic Components Datasheet Search
  English  ▼

X  

SI5347 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI5347
Description  DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI5347 Datasheet HTML 9Page - Silicon Laboratories SI5347 Datasheet HTML 10Page - Silicon Laboratories SI5347 Datasheet HTML 11Page - Silicon Laboratories SI5347 Datasheet HTML 12Page - Silicon Laboratories SI5347 Datasheet HTML 13Page - Silicon Laboratories SI5347 Datasheet HTML 14Page - Silicon Laboratories SI5347 Datasheet HTML 15Page - Silicon Laboratories SI5347 Datasheet HTML 16Page - Silicon Laboratories SI5347 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Si5347/46
Rev. 1.1
13
Table 7. Output Serial and Status Pin Specifications
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%, VDDS = 3.3 V ±5%, 1.8 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si5347 Serial and Status Output Pins (LOL_A, LOL_B, LOL_C, LOL_D, INTR, LOS_XAXB, SDA/SDIO1, A1/
SDO)
Output Voltage
VOH
IOH =–2mA
VDDIO
2 x 0.75
—
—
V
VOL
IOL =2mA
—
—
VDDIO
2 x 0.15
V
Si5346 Status Output Pins (INTR, LOS_XAXB, SDA/SDIO1, A1/SDO)
Output Voltage
VOH
IOH =–2mA
VDDIO
2 x 0.75
—
—
V
VOL
IOL =2mA
—
—
VDDIO
2 x 0.15
V
Si5346 Serial and Status Output Pins (LOL_A, LOL_B)
Output Voltage
VOH
IOH =–2mA
VDDS x 0.75
—
—
V
VOL
IOL =2mA
—
—
VDDS x 0.15
V
Notes:
1. The VOH specification does not apply to the open-drain SDA/SDIO output when the serial interface is in I
2C mode or is
unused with I2C_SEL pulled high. VOL remains valid in all cases.
2. VDDIO is determined by the IO_VDD_SEL bit. It is selectable as VDDA or VDD. Users normally select this option in the
ClockBuilder Pro GUI. Alternatively, refer to the Si5347-46 Family Reference Manual for more details on register
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com