Electronic Components Datasheet Search
  English  ▼

X  

SI5347 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI5347
Description  DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI5347 Datasheet HTML 35Page - Silicon Laboratories SI5347 Datasheet HTML 36Page - Silicon Laboratories SI5347 Datasheet HTML 37Page - Silicon Laboratories SI5347 Datasheet HTML 38Page - Silicon Laboratories SI5347 Datasheet HTML 39Page - Silicon Laboratories SI5347 Datasheet HTML 40Page - Silicon Laboratories SI5347 Datasheet HTML 41Page - Silicon Laboratories SI5347 Datasheet HTML 42Page - Silicon Laboratories SI5347 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Si5347/46
Rev. 1.1
39
5.8.3. LVCMOS Output Terminations
LVCMOS outputs are dc-coupled as shown in Figure 26.
Figure 26. LVCMOS Output Terminations
5.8.4. Output Signal Format
The differential output amplitude and common mode voltage are both fully programmable and compatible with a
wide variety of signal formats, including LVDS and LVPECL. In addition to supporting differential signals, any of the
outputs can be configured as LVCMOS (3.3 V, 2.5 V, or 1.8 V) drivers providing up to 20 single-ended outputs or
any combination of differential and single-ended outputs.
5.8.5. Differential Output Amplitude Modes
There are two selectable differential output amplitude modes: normal and low power. Each output can support a
unique mode.
Differential Normal Mode: When an output driver is configured in normal amplitude mode, its output
amplitude is selectable as one of 8 settings ranging from 130 mVpp_se to 920 mVpp_se in increments of
100 mV. The output impedance in the normal mode is 100
differentialAny of the ac-coupled
terminations shown in Figure 25 are supported in this mode.
Differential Low Power Mode: When an output driver is configured in low power mode, its output
amplitude is configurable as one of 8 settings ranging from 200 mVpp_se to 1600 mVpp_se in increments
of 200 mV. The output driver is in high impedance mode and supports standard 50
PCB traces. Any of
the ac-coupling terminations shown in Figure 25 are supported in this mode.
5.8.6. Programmable Common Mode Voltage For Differential Outputs
The common mode voltage (VCM) for the differential normal and low power modes is programmable in 100 mV
increments from 0.7 V to 2.3 V depending on the voltage available at the output’s VDDO pin. Setting the common
mode voltage is useful when dc-coupling the output drivers.
5.8.7. LVCMOS Output Impedance Selection
Each LVCMOS driver has a configurable output impedance to accommodate different trace impedances and drive
strengths. A source termination resistor is recommended to help match the selected output impedance to the trace
impedance. There are three programmable output impedance selections for each VDDO options as shown in
Table 15. Note that selecting a lower source impedance may result in higher output power consumption.
Table 15. Typical Output Impedance (ZS)
CMOS_DRIVE_Selection
VDDO
OUTx_CMOS_DRV=1
OUTx_CMOS_DRV=2
OUTx_CMOS_DRV=3
3.3 V
38
30
22
2.5 V
43
35
24
1.8 V
—
46
31
3.3 V, 2.5 V, 1.8 V
LVCMOS
VDDO = 3.3 V, 2.5 V, 1.8 V
50
Rs
50
Rs
OUTx
OUTx
Si5347/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com