Electronic Components Datasheet Search
  English  ▼

X  

SI5347 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI5347
Description  DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI5347 Datasheet HTML 17Page - Silicon Laboratories SI5347 Datasheet HTML 18Page - Silicon Laboratories SI5347 Datasheet HTML 19Page - Silicon Laboratories SI5347 Datasheet HTML 20Page - Silicon Laboratories SI5347 Datasheet HTML 21Page - Silicon Laboratories SI5347 Datasheet HTML 22Page - Silicon Laboratories SI5347 Datasheet HTML 23Page - Silicon Laboratories SI5347 Datasheet HTML 24Page - Silicon Laboratories SI5347 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Si5347/46
Rev. 1.1
21
Table 14. Absolute Maximum Ratings1,2,3
Parameter
Symbol
Test Condition
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.8
V
VDDA
–0.5 to 3.8
V
VDDO
–0.5 to 3.8
V
VDDS
–0.5 to 3.8
V
Input Voltage Range
VI1
IN0 – IN3/FB_IN
–0.85 to 3.8
V
VI2
RST, OE0, OE1, I2C_SEL,
FINC, FDEC, PLL_SEL[1:0]
SDA/SDIO, A1/SDO, SCLK,
A0/CS
–0.5 to 3.8
V
VI3
XA/XB
–0.5 to 2.7
V
Latch-up Tolerance
LU
JESD78 Compliant
ESD Tolerance
HBM
100 pF, 1.5 k
2.0
kV
Junction Temperature
TJCT
–55 to 150
°C
Storage Temperature Range
TSTG
–55 to +150
°C
Soldering Temperature
(Pb-free profile)3
TPEAK
260
°C
Soldering Temperature Time at TPEAK
(Pb-free profile)4
TP
20–40
s
Note:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. 64-QFN and 44-QFN packages are RoHS-6 compliant.
3. For detailed MSL and packaging information, go to www.silabs.com/support/quality/pages/RoHSInformation.aspx.
4. The device is compliant with JEDEC J-STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com