Electronic Components Datasheet Search
  English  ▼

X  

ADP1055 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP1055
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP1055 Datasheet HTML 33Page - Analog Devices ADP1055 Datasheet HTML 34Page - Analog Devices ADP1055 Datasheet HTML 35Page - Analog Devices ADP1055 Datasheet HTML 36Page - Analog Devices ADP1055 Datasheet HTML 37Page - Analog Devices ADP1055 Datasheet HTML 38Page - Analog Devices ADP1055 Datasheet HTML 39Page - Analog Devices ADP1055 Datasheet HTML 40Page - Analog Devices ADP1055 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 37 of 140
LIGHT LOAD MODE AND DEEP LIGHT LOAD MODE
To facilitate a reduction of power loss at light loads, the ADP1055
supports light load mode and deep light load mode. The threshold,
speed, and hysteresis for deep light load mode are selectable in
Register 0xFE4B. In deep light load mode, a selectable set of
PWM outputs can be disabled using Register 0xFE4C. Typical
examples include shutting down the synchronous rectifiers or
shutting down certain PWM outputs in an interleaved topology
for phase shedding.
Figure 62. Light Load Settings in the GUI
The threshold, speed, and hysteresis for light load mode are
programmed in Register 0xFE5F. In SR light load mode (SR
LLM), the synchronous rectifiers operate in the forward
conduction mode only; that is, they are turned off during the
freewheeling period of the switching period in a buck derived
isolated topology (either half wave or full wave rectifier on the
output). In this way, the loss associated with the diode drop of
the MOSFET is minimized by turning the channel of the
MOSFET on, as well as maintaining the output inductor in
discontinuous conduction mode (DCM). The rising and falling
edges of the synchronous rectifiers in SR LLM are programmed
in Register 0xFE19 to Register 0xFE1C.
When entering SR LLM from SR normal mode or deep LLM, or
when exiting SR LLM to SR normal mode based on the hysteresis
level, the SR edges move as programmed by the phase-in speed
in Register 0xFE5F[7:4].
The SR LLM settings (Register 0xFE19 to Register 0xFE1C)
determine the minimum and maximum rising and falling edges
of the SR PWM outputs in SR LLM mode. If the load demands
a duty cycle between the minimum and maximum settings, the
SR edges are adjusted according to the required duty cycle for
OUTA to OUTD.
To enable the deep light load mode, the light load mode
threshold must be greater than zero.
Figure 63. Overlay of All SR Modes
PULSE SKIPPING
The ADP1055 supports a pulse skipping mode in which a PWM
pulse is not turned on for the entire switching period. Pulse
skipping can be activated by setting Register 0xFE50[1] = 1.
The ADP1055 enters pulse skipping mode when the required
duty cycle is less than the modulation value set in Register 0xFE53.
Register 0xFE50[0] = 0 sets all modulated edges to the start of
the switching period. In the case of negative edge modulation,
this setting can cause the PWM outputs to be inverted; therefore,
setting Register 0xFE50[0] = 1 programs the device to make the
PWM outputs = 0 V in pulse skipping. For topologies such as the
full-bridge phase shifted topology, where two PWM outputs are
on without modulation for half the switching period, the setting
in Register 0xFE50[4] allows the ADP1055 to disable such
PWM outputs whether modulation is enabled or not.
SOFT STOP
The ADP1055 supports soft stop functionality. Soft stop can be
enabled for normal shutdown of the power supply using the
OPERATION and ON_OFF_CONFIG commands, as described
in the Power-Up and Power-Down section. Soft stop can also be
enabled during a fault triggered condition using Register
0xFE51[7:6]. The soft stop time is programmed using the
TOFF_DELAY and TOFF_FALL commands (Register 0x64 and
Register 0x65). During soft stop, various faults such as OTP,
OVP, and GPIO faults can be masked using Register 0xFE47. To
maintain a zero output voltage, the SR1 and SR2 PWM outputs
can be programmed to stay on for an additional time (see the
description of Register 0xFE50[7:6] in Table 193).
DUTY CYCLE DOUBLE UPDATE RATE
The ADP1055 senses the output voltage just before the beginning
of the switching period and, depending on the error voltage, the
next duty cycle command is initiated. Because a transient
condition can occur at any time between switching periods, the
one-cycle update of the duty cycle causes a phase loss that is
equal to
Φ = 360 × (td × fC)
where:
td is the combined delay of the ADC sampling plus the loop
calculations for the compensator plus any additional propagation
delay.
fC is the crossover frequency.
The minimum delay for the system is D × tSW because it is only
after D × tSW that the effect of the duty cycle command takes
place. Due to this phase loss (which increases as the crossover
frequency approaches the switching frequency), the crossover
frequency of the system cannot be widened with satisfactory
phase margin. To reduce the phase loss, the ADP1055 uses a
double update rate for the duty cycle, whereby the output voltage
is sampled just before half the switching period and the new duty
cycle command is issued. In this way, the phase loss from two
subsequent duty cycle commands is halved to D × tSW/2.
Duty cycle double update rate is optional and is enabled by
setting Register 0xFE57[0] = 1. When using the duty cycle
double update rate, it is recommended that duty balance also be
enabled (Register 0xFE57[7] = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com