Electronic Components Datasheet Search
  English  ▼

X  

ADP1055 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1055
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1055 Datasheet HTML 26Page - Analog Devices ADP1055 Datasheet HTML 27Page - Analog Devices ADP1055 Datasheet HTML 28Page - Analog Devices ADP1055 Datasheet HTML 29Page - Analog Devices ADP1055 Datasheet HTML 30Page - Analog Devices ADP1055 Datasheet HTML 31Page - Analog Devices ADP1055 Datasheet HTML 32Page - Analog Devices ADP1055 Datasheet HTML 33Page - Analog Devices ADP1055 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 30 of 140
Figure 41. Logical Functions Available Using PGOOD1 (LOGIC) PGOOD2
Various flags can be programmed into PGOOD1 and PGOOD2
using Register 0xFE44 and Register 0xFE45. When coupled
with the GPIOs, these flags can be used to trigger signals to
provide external logic functions by means of discrete circuits.
For example, in Figure 42, the overtemperature flag or the
VIN_UV flag can set PGOOD2. This feature is useful for
signaling the power chain downstream so that any appropriate
action can be taken. A delay (debounce) can be added to the
PGOODx signals using Register 0xFE43.
Figure 42. Signals Routed into PGOOD1 and PGOOD2
In addition to triggering the GPIOs, the PGOOD1_FAULT
and PGOOD2_FAULT flags are set in Register 0xFE93[6]
(FAULT_UNKNOWN[6]) and Register 0xFE93[7] (FAULT_
UNKNOWN[7]) (where 0 means no fault). The same debounce
applies to the flags.
The POWER_GOOD_ON register (Register 0x5E) sets the voltage
that the output voltage must exceed before POWER_GOOD can
be set. Similarly, the output voltage must fall below the
POWER_GOOD_OFF threshold (set in Register 0x5F) for
POWER_GOOD to be reset.
Figure 43. POWER_GOOD Flag Tripped by VOUT
Note that the PMBus signal POWER_GOOD cannot be brought
out to the GPIOx pins, but it can be brought out to the SMBALRT
pin. The PMBus signal POWER_GOOD is accessible through
STATUS_WORD (Register 0x79[11]). POWER_GOOD is
asserted (0 means power is good) only if all of the following
conditions are met:
VOUT has exceeded POWER_GOOD_ON.
VOUT has not fallen below POWER_GOOD_OFF.
PGOOD1_FAULT is not set.
PGOOD2_FAULT is not set.
UVP is not associated with this flag; however, the PGOOD1_
FAULT and PGOOD2_FAULT flags can be programmed to
select UVP (VOUT_UV_FAULT). There is no debounce for
POWER_GOOD.
Figure 44. POWER_GOOD Signal Path
VOUT NOMINAL
VOUT_UV
POWER_GOOD
PSON
TIME
POWER_GOOD_ON
VOUT_UTHD
SET AND
RESET LOGIC
VOUT
RESET
POWER_GOOD_OFF
VOUT_LTHD
SET
PGOOD1_FAULT
POWER_GOOD
PGOOD2_FAULT
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com