Electronic Components Datasheet Search
  English  ▼

X  

ADP1055 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1055
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1055 Datasheet HTML 20Page - Analog Devices ADP1055 Datasheet HTML 21Page - Analog Devices ADP1055 Datasheet HTML 22Page - Analog Devices ADP1055 Datasheet HTML 23Page - Analog Devices ADP1055 Datasheet HTML 24Page - Analog Devices ADP1055 Datasheet HTML 25Page - Analog Devices ADP1055 Datasheet HTML 26Page - Analog Devices ADP1055 Datasheet HTML 27Page - Analog Devices ADP1055 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 24 of 140
An additional range of 480 mV (single-ended input only) can
be used for high-side sensing or simply as an input with a
higher range (see Figure 31). The high input range is used for
operation in single-ended mode, where external circuitry must
be provided for level shifting of the current signal.
Figure 31. Single-Ended High-Side Sensing
The READ_IOUT command reports the average output current;
this reading is updated every 2.6 ms.
ADCs FOR VOLTAGE SENSING
VFF ADC for Input Voltage
The VFF pin is typically used for the monitoring and protection
of the primary side voltage. Figure 32 shows a typical configuration
for the feedforward circuit.
Figure 32. Feedforward Configuration
The input voltage signal can be sensed at the secondary winding
of the isolation transformer before the output inductor and must
be filtered by an RCD network to eliminate the voltage spike at
the switch node (see Figure 32).
In nonisolated topologies, the VFF ADC is connected directly
to the primary voltage via a resistive divider with some filtering
to eliminate voltage spikes on the bulk capacitor when the power
switch is turned on or off. The READ_VIN command reports
the average input voltage; this reading is updated every 10.5 ms.
VS ADC for Output Voltage
The VS± pins of the ADP1055 are used for the monitoring,
control, and protection of the power supply output. Typically,
the output voltage is divided down using a resistive divider such
that at the rated output, there is 1.0 V on the VS± pins. The
READ_VOUT command reports the average output voltage;
this reading is updated every 10.5 ms.
ADCs FOR TEMPERATURE SENSING
For information about the temperature sensing ADCs, see the
Temperature Sensing section.
CS2–
CS2+
AGND
CS2+ RANGE: 0mV TO 480mV
CS2 FAST OCP
0mV TO 600mV/7 BITS
(STEP SIZE 9.52mV)
CS2 ADC
IOUT_OC_LIMIT
IOUT_UC_LIMIT
CS2 IREV LIMIT
0mV TO –30mV
(STEP SIZE 0.4762mV)
ILOAD
RSNS
VOUT
ADP1055
DIGITAL
FILTER
1/x
DPWM
ENGINE
VFF
ADC
0V TO 1.6V
0.6V TO 1.6V
VFF
FEEDFORWARD
ADC
R
R1
R2
Vx
FROM
SECONDARY
WINDING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com