Electronic Components Datasheet Search
  English  ▼

X  

ADP1055 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1055
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1055 Datasheet HTML 21Page - Analog Devices ADP1055 Datasheet HTML 22Page - Analog Devices ADP1055 Datasheet HTML 23Page - Analog Devices ADP1055 Datasheet HTML 24Page - Analog Devices ADP1055 Datasheet HTML 25Page - Analog Devices ADP1055 Datasheet HTML 26Page - Analog Devices ADP1055 Datasheet HTML 27Page - Analog Devices ADP1055 Datasheet HTML 28Page - Analog Devices ADP1055 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 25 of 140
THEORY OF OPERATION
ACCURATE PRIMARY OVERCURRENT PROTECTION
The CS1 ADC is used to measure the average value of the
primary current. The 12 MSBs of the reading (CS1_VALUE,
Register 0xFE98[13:4]) are converted into PMBus format and
compared to the threshold set using the PMBus command
IIN_OC_FAULT_LIMIT (Register 0x5B) to make a fault
decision. The fault response is set by the IIN_OC_FAULT_
RESPONSE command (Register 0x5C).
PRIMARY FAST OVERCURRENT PROTECTION
The input signal on the CS1 pin is also fed into a comparator
for pulse-by-pulse OCP protection. The fast OCP comparator
is used to limit the peak primary current within each switching
cycle. Two thresholds—the 250 mV or 1.2 V threshold—are
programmable using Register 0xFE2C[2].
When the CS1 OCP threshold is crossed, the PWM outputs
(OUTA to OUTD) are immediately terminated for the remainder
of the switching cycle. For the full-bridge topology, where the
switching period is divided into two halves, a CS1 OCP event
during one half does not terminate the PWM outputs for the
second half.
The CS1 OCP comparator provides programmable blanking
and debounce to prevent false triggering; these features are
programmable using Register 0xFE4E and Register 0xFE2C.
The comparator also features a programmable timeout condition
(set in Register 0xFE4E[2:0]), which specifies that the CS1 fast
OCP condition must be present for a specified number of
consecutive switching cycles before the IIN_OC_FAST_FAULT
flag is set.
The CS1 fast OCP fault can also be set using the GPIO1
general-purpose input/output pin.
MATCHED CYCLE-BY-CYCLE CURRENT LIMIT (OCP
EQUALIZATION)
For a half-bridge converter, the cycle-by-cycle limit feature
cannot guarantee an equal duty cycle between the two half
cycles of the switching period. The imbalances of each half cycle
can cause the center point voltage of the capacitive divider to
drift from VIN/2 (half the input voltage) toward either ground or
the input voltage. This drift, in turn, can lead to output voltage
regulation failure, transformer saturation, and the doubling of
voltage stress on the synchronous rectifiers.
To avoid these problems, the ADP1055 implements a matched
cycle-by-cycle limit. This feature produces a PWM pulse width
in the second half cycle that is of equal duration as the preceding
pulse when a CS1 fast OCP event occurs (IIN_OC_FAST_
FAULT). In other words, when a cycle-by-cycle limit is triggered,
the ADP1055 forces the duty cycle in the subsequent half cycle
to be exactly the same as that of the previous half cycle.
However, if the CS1 cycle-by-cycle current limit always has the
highest priority to terminate the PWM outputs meaning that if
a cycle-by-cycle fault occurs during the period where the duty
cycle is being equalized, the cycle-by-cycle current fault takes
priority. The CS1 OCP duty cycle equalization feature (Register
0xFE57[6]) can be enabled for all topology configurations. The
edge selection is the same as for the volt-second balance feature.
LOW TEMPERATURE FILTER
During the soft start process, the soft start filter can be used in
combination with the normal mode filter and the light load mode
filter. The soft start filter can be configured as a low temperature
filter. Using Register 0xFE62[1:0], the low temperature filter is
activated on one of three selectable inputs: the external forward
temperature reading, the external reverse temperature reading,
or the rising edge of GPIO2.
The low temperature pole is activated at a temperature of 10°C;
subsequent thresholds are at 6°C, 2°C, and so on, down to −14°C
(Register 0xFE62[6:4]). The temperature hysteresis is programmed
in steps of 5°C in Register 0xFE62[3:2]. The change of filters
from one to another always takes place after a 2 sec time hysteresis
plus any other filter transition speed. It is recommended that
the ADP1055 GUI be used to program this feature. Table 6
summarizes the use of the filters for low and high temperatures.
Table 6. Filter Options for Low and High Temperatures
Load Condition
Low
Temperature
High
Temperature
Light load
Light load filter
Light load filter
Heavy load with low
temperature, filter
disabled
SSF/NMF with
ADD_PZ
SSF/NMF with
ADD_PZ
Heavy load with low
temperature, filter
enabled
SSF with
ADD_PZ
SSF/NMF with
ADD_PZ
VOLTAGE LOOP AUTOCORRECTION
Output voltage sampling is performed using the high speed
Nyquist ADC. The output voltage is sampled just before the end of
the switching period (tSW) or just before half the switching period
(tSW/2) if double update rate is enabled. The output voltage ripple
ramp changes as the input voltage changes, causing the sampling
voltage to also change. Assuming a steady state condition, any
dc offsets can be eliminated by sampling the output voltage
synchronously with the switching frequency.
Due to the relationship between the output voltage ripple ramp
and the input voltage, the average output voltage can drift to a
higher value when the input voltage is at its maximum value. To
correct for this drift, the ADP1055 uses a low frequency auto-
correction loop based on the LF ADC on the VS± pins. Under
ideal conditions, the voltage on this input is 1.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com