Electronic Components Datasheet Search
  English  ▼

X  

LTC2387 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2387
Description  18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2387 Datasheet(HTML) 1 Page - Linear Technology

  LTC2387 Datasheet HTML 1Page - Linear Technology LTC2387 Datasheet HTML 2Page - Linear Technology LTC2387 Datasheet HTML 3Page - Linear Technology LTC2387 Datasheet HTML 4Page - Linear Technology LTC2387 Datasheet HTML 5Page - Linear Technology LTC2387 Datasheet HTML 6Page - Linear Technology LTC2387 Datasheet HTML 7Page - Linear Technology LTC2387 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc2290af
DEMO MANUAL DC2290A
Description
LTC2387/LTC2386/LTC2385
18-/16-Bit, 15Msps/10Msps/5Msps,
High Speed SAR ADCs
Demonstrationcircuit2290AfeaturestheLTC2387family.
Withupto15Msps,thesedifferentialinput,singlechannel,
18-/16-Bit, serial, high speed successive approximation
register(SAR)ADCsareavailableina32-PinQFNpackage.
The LTC2387 family has an internal 20ppm/°C reference
and a serial LVDS interface. The following text refers to
the LTC2387 but applies to all members of the family, the
only difference being the sample rate and the number of
bits. The DC2290A demonstrates the AC performance of
theLTC2387inconjunctionwiththeDC718datacollection
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and PScope
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
BoarD photo
board. Differential amplifier demo boards are available
separately that provide amplification of low level differ-
ential signals if required (see Table 2). Alternatively, by
connecting the DC2290A into a customer application the
performance of the LTC2387 can be evaluated directly in
that circuit.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2290A
Figure 1. DC2290A Connection Diagram
CLOCK SIGNAL
FROM GENERATOR
6VDC
POWER SUPPLY
SIGNAL
GENERATOR
TO DC718


Similar Part No. - LTC2387

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2387-16 LINER-LTC2387-16 Datasheet
3Mb / 40P
Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
LTC2387-16 LINER-LTC2387-16 Datasheet
1Mb / 22P
16-Bit, 15Msps SAR ADC
LTC2387-18 LINER-LTC2387-18 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2387-18 LINER-LTC2387-18 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2387-18 LINER-LTC2387-18 Datasheet
3Mb / 40P
Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
More results

Similar Description - LTC2387

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2203 LINER-LTC2203 Datasheet
1Mb / 32P
16-Bit, 25Msps/10Msps ADCs
LTC2315 LINER-LTC2315 Datasheet
2Mb / 12P
12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
LTC2323 LINER-LTC2323 Datasheet
495Kb / 10P
Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
LTC2311 LINER-LTC2311 Datasheet
524Kb / 10P
Single 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
LTC2325 LINER-LTC2325 Datasheet
551Kb / 8P
Quad/Octal 16-Bit/14-Bit/12-Bit, 5Msps/2Msps/1.5Msps, Serial, High Speed SAR ADCs
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
18-Bit, 5Msps SAR ADC
LTC2386-16 LINER-LTC2386-16 Datasheet
1Mb / 22P
16-Bit, 10Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
18-Bit, 10Msps SAR ADC
LTC2387-16 LINER-LTC2387-16 Datasheet
1Mb / 22P
16-Bit, 15Msps SAR ADC
LTC2387-18 LINER-LTC2387-18 Datasheet
1Mb / 24P
18-Bit, 15Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com