Electronic Components Datasheet Search
  English  ▼

X  

LTC2387 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2387
Description  18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2387 Datasheet(HTML) 3 Page - Linear Technology

  LTC2387 Datasheet HTML 1Page - Linear Technology LTC2387 Datasheet HTML 2Page - Linear Technology LTC2387 Datasheet HTML 3Page - Linear Technology LTC2387 Datasheet HTML 4Page - Linear Technology LTC2387 Datasheet HTML 5Page - Linear Technology LTC2387 Datasheet HTML 6Page - Linear Technology LTC2387 Datasheet HTML 7Page - Linear Technology LTC2387 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc2290af
DEMO MANUAL DC2290A
harDware setup
Figure2. DC2290A PScope Screenshot
Table 2. DC2290A (LTC2387 Family) Driver Board
INPUT FREQUENCY
DRIVE BOARD
AMPLIFIER
Up to 8kHz
DC2402
LT6237
Up to 1MHz
DC2403
LT6200
> 1MHz
Contact Factory
Contact Factory



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com