Electronic Components Datasheet Search
  English  ▼

X  

LTC2387 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2387
Description  18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2387 Datasheet(HTML) 4 Page - Linear Technology

  LTC2387 Datasheet HTML 1Page - Linear Technology LTC2387 Datasheet HTML 2Page - Linear Technology LTC2387 Datasheet HTML 3Page - Linear Technology LTC2387 Datasheet HTML 4Page - Linear Technology LTC2387 Datasheet HTML 5Page - Linear Technology LTC2387 Datasheet HTML 6Page - Linear Technology LTC2387 Datasheet HTML 7Page - Linear Technology LTC2387 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc2290af
DEMO MANUAL DC2290A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC2290A
Required Circuit Components
1
3
C7, C41, C42
CAP., X5R, 0.022µF, 25V, 10%, 0402
2
4
C9, C13, C16, C21
CAP., NPO, 10pF, 50V, 5%, 0402
AVX, 04023A100KAT2A
3
7
C32, C37, C47, C59, C64, C68, C77
CAP., X7R, 10µF, 6.3V, 10%, 0805
AVX, 08056C106KAT2A
4
5
C31, C51, C66, C69, C71
CAP., X7R, 1µF, 10V, 10%, 0603
AVX, 0603ZC105KAT2A
5
1
C40
CAP., X5R, 3.3µF, 10V, 10%, 06035
C1608X5R1A335K
6
2
C5, C97
CAP., X5R, 47µF, 6.3V, 20%, 0805
TAIYO YUDEN, JMK212BJ476MG-T
7
1
C90
CAP., X5R, 22µF, 16V, 20%, 1210
AVX, 1210YD226MAT2A
8
1
C8
CAP., X5R, 0.0047µF, 25V, 10%, 0402
AVX, 04023D472KAT2A
9
33
C1, C2, C3, C4, C12, C14, C15, C17,
C18, C19, C20, C22, C24, C26, C27,
C28, C29, C30, C33, C34, C35, C36,
C38, C43, C44, C45, C46, C49, C55,
C56, C57, C58, C98
CAP., X5R, 0.1µF, 10V, 10%, 0402
AVX, 0402ZD104KAT2A
10
5
C23, C54, C63, C67, C87
CAP., X7R, 0.1µF, 16V, 10%, 0603
NIC, NMC0603X7R104K16TRPF
11
4
C25, C48, C65, C70
CAP., X7R, 0.01µF, 6.3V, 10%, 0603
MURATA, GRM188R70J103KA01D
12
2
C10, C11
CAP., X5R, 0.01µF, 25V, 10%, 0402
AVX, 04023D103MAT2A
13
0
C74
CAP, DNI, 0603
14
1
C76
CAP., X7R, 2.2µF, 10V, 10%, 0603
AVX, 0603ZC225KAT2A
15
1
C95
CAP., X7R, 0.0022µF, 50V, 10%, 0402
16
7
C6, C52, C53, C60, C80, C96, C99
CAP., X5R, 4.7µF, 10V, 10%, 0603
AVX 0603ZD475KAT2A
17
2
C73, C75
CAP., NPO, 82pF, 25V, 10%, 0603
AVX, 06033A820KAT2A
18
8
E1, E2, E3, E4, E5, E6, E7, E8
TEST POINT, TURRET, .064"
MILL MAX, 2308-2-00-80-00-00-07-0
19
2
E9, E10
TEST POINT, TURRET, .094"
MILL-MAX, 2501-2-00-80-00-00-07-0
20
1
J1
HEADER, 20 × 2, 0.1IN, STRAIGHT_PINS
SAMTEC, TSW-120-07-L-D
21
2
J2, J3
HEADER, 2 × 5, 0.100"
SAMTEC, TSW-105-07-L-D
22
2
J5, J6
CONN, SMA, 50Ω, EDGE-LAUNCH, FEMALE
E.F. JOHNSON, 142-0701-851
23
1
J4
CONN BNC FEM JACK PC MNT STRGHT
AMPHENOL CONNEX, 112404
24
4
JP1, JP2, JP3, JP4
HEADER, 1 × 3, 0.100"
SAMTEC, TSW-103-07-L-S
25
4
L1, L2, L3, L5
FERRITE BEAD, 33Ω, 0603
MURATA, BLM18PG330SN1L
26
1
R44
RES., 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
27
1
R71
RES., 0Ω, 1/10W, 0402
PANASONIC, ERJ-2GEY0R00V
28
0
R38, R45, R46, R55, R57, R72
RES, DNI, 0603
29
19
R1, R2, R3, R4, R5, R7, R8, R14,
R15,R16, R17, R18, R19, R20, R21,
R23, R25, R68, R69
RES., 33Ω, 1/10W, 5%, 0402
YAGEO, RC0402JR-0733RL
30
3
R32, R36, R37
RES., 33Ω, 1/10W, 5%, 0603
YAGEO, RC0603JR-0733RL
31
4
R29, R30, R31, R35
RES., 100Ω, 1/10W, 1%, 0201
YAGEO, RC201FR-07101L
32
2
R49, R50
RES., 10.0Ω, 1/10W, 1%, 0603
PANASONIC, ERJ-3EKF10R0V
33
1
R41
RES., 49.9Ω, 1/10W, 1%, 1206
PANASONIC, ERJ-8ENF49R9V
34
7
R6, R9, R10, R12, R13, R53, R54, R70 RES., 10k, 1/10W, 5%, 0402
PANASONIC, ERJ-2GEYJ103V
35
3
R22, R24, R26
RES., 4.99k, 1/10W, 5%, 0603
PANASONIC, ERJ-3GEYJ4991V
36
3
R27, R39, R40
RES.,1.00k, 1/10W, 5%, 0603
PANASONIC, ERJ-3GEYJ102V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com