Electronic Components Datasheet Search
  English  ▼

X  

LTC2980 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2980
Description  16-Channel Power Supply System Featuring the LTC2980 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2980 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2980 Datasheet HTML 9Page - Linear Technology LTC2980 Datasheet HTML 10Page - Linear Technology LTC2980 Datasheet HTML 11Page - Linear Technology LTC2980 Datasheet HTML 12Page - Linear Technology LTC2980 Datasheet HTML 13Page - Linear Technology LTC2980 Datasheet HTML 14Page - Linear Technology LTC2980 Datasheet HTML 15Page - Linear Technology LTC2980 Datasheet HTML 16Page - Linear Technology LTC2980 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
dc2198af
DEMO MANUAL DC2198A
SETUP PROCEDURE FOR MULTI-BOARD ARRAYS
Multiple DC2198A boards can be combined to control
up to 64 independent power supplies. Four boards may
be cascaded. The number of boards is limited by an
I/O expander chip that has three address pins, allowing
8 different combinations. This setup demonstrates the
coordinatedfaultresponsesandaccuratetimebaseshared
across multiple LTC2980 devices.
Procedure:
1. Stack the boards side-by-side by plugging JP1 of one
board into JP2 of another DC2198A board.
2. Ensure different slave address settings for each of the
boards. The address of each board is set by the DIP
switch JP3 on the backside of the board. The setting
must be unique for each board in the array.
3. Pluginthe+12VVINpowerintooneoftheboardsasshown
in Figure 12. Only one +12V power source is allowed.
4. TheUSBtoI2C/SMBus/PMBusControllermay
be plugged into any board. If no devices show
up in the GUI, click the magnifying glass icon
to enumerate the I2C bus and find the addresses of the
parts. Go to step #2 to ensure that each board has a
unique DIP switch setting.
5. Since the individual CONTROL lines are connected
across the boards (CTRL is a common signal across
all boards in the array), make sure that all CONTROL
switches are set to the RUN position.
6. Re-launch LTpowerPlay. It will enumerate the entire
board array and build a representative system tree and
read all hardware settings into the GUI.
ATTENTION: Once the GUI has launched,
click the “RAM -> NVM” icon in the toolbar to
ensure that the slave addresses are retained
after a power off or reset. Otherwise you may lose
communication with the slaves after a power cycle or
reset event.
Figure 12. Array of Multiple DC2198A Demo Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com