Electronic Components Datasheet Search
  English  ▼

X  

LTC2980 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2980
Description  16-Channel Power Supply System Featuring the LTC2980 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2980 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2980 Datasheet HTML 14Page - Linear Technology LTC2980 Datasheet HTML 15Page - Linear Technology LTC2980 Datasheet HTML 16Page - Linear Technology LTC2980 Datasheet HTML 17Page - Linear Technology LTC2980 Datasheet HTML 18Page - Linear Technology LTC2980 Datasheet HTML 19Page - Linear Technology LTC2980 Datasheet HTML 20Page - Linear Technology LTC2980 Datasheet HTML 21Page - Linear Technology LTC2980 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
dc2198af
DEMO MANUAL DC2198A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
22
1
R10
RES 267kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07267KL
23
1
R11
RES 200kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07200KL
24
1
R12
RES 158kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07158KL
25
1
R13
RES 133kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07133KL
26
1
R14
RES 115kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07115KL
27
1
R15
RES 88.7kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0788K7L
28
1
R16
RES 80.6kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0780K6L
29
17
R17, R18, R19, R20, R21,
R22, R23, R24, R35, R39,
R40, R41, R42, R43, R44,
R45, R46
RES 3.01kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-073K01L
30
10
R25, R32, R36, R47, R56,
R57, R98, R99, R100, R135
RES 10.0kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0710KL
31
2
R26, R27
RES 698Ω 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07698RL
32
2
R28, R102
RES 73.2kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0773K2L
33
1
R30
RES 46.4kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0746K4L
34
1
R31
RESISTOR 0603 OPTION
35
2
R33, R38
RES 249Ω 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07249RL
36
1
R34
RES 1.00kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-071KL
37
3
R37, R136, R137
RES ARRAY 10kΩ 4 RES 1206
VISHAY/DALE: CRA06S08310K0JTA
38
1
R48
RES 66.5kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0766K5L
39
1
R49
RES 57.6kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0757K6L
40
1
R50
RES 47.5kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0747K5L
41
1
R51
RES 42.2kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0742K2L
42
1
R52
RES 36.5kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0736K5L
43
1
R53
RES 34.8kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0734K8L
44
1
R54
RES 33.2kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0733K2L
45
1
R55
RES 32.4kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-0732K4L
46
16
R66, R67, R68, R69, R70,
R71, R72, R73, R127, R128,
R129, R130, R131, R132,
R133, R134
RES 470Ω 1/4W 5% 1210 SMD
ROHM SEMICONDUCTOR: MCR25JZHJ471
47
16
R82, R84, R86, R88, R90,
R92, R94, R96, R104, R106,
R108, R110, R112, R114,
R116, R118
RES 100Ω 1/10W 0603 SMD
48
1
R83
RES 182kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07182KL
49
1
R85
RES 191kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07191KL
50
1
R87
RES 196kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07196KL
51
1
R89
RES 205kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07205KL
52
1
R91
RES 226kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07226KL
53
1
R93
RES 243kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07243KL
54
1
R95
RES 274kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07274KL
55
1
R97
RES 301kΩ 1/10W 1% 0603 SMD
YAGEO: RC0603FR-07301KL
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com