Electronic Components Datasheet Search
  English  ▼

X  

LTC2980 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2980
Description  16-Channel Power Supply System Featuring the LTC2980 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2980 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2980 Datasheet HTML 2Page - Linear Technology LTC2980 Datasheet HTML 3Page - Linear Technology LTC2980 Datasheet HTML 4Page - Linear Technology LTC2980 Datasheet HTML 5Page - Linear Technology LTC2980 Datasheet HTML 6Page - Linear Technology LTC2980 Datasheet HTML 7Page - Linear Technology LTC2980 Datasheet HTML 8Page - Linear Technology LTC2980 Datasheet HTML 9Page - Linear Technology LTC2980 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
dc2198af
DEMO MANUAL DC2198A
COMMON DEMO BOARD OPERATIONS
MARGIN ALL RAILS
The LTC2980 power system manager not only monitors
eachofthesixteenoutputsbutalsocanmargintheoutputs
either high or low. Margining is the operation that moves
a rail either up or down for testing purposes. It allows a
system to be fully characterized over supply limits without
theuseofexternalhardwareorresources.TheGUIprovides
an easy way to margin all rails high or all low
by clicking one of four buttons. To invoke the
margining dialog, click the GroupOp icon in the
toolbar. The buttons labeled “ignore faults” will margin
withoutcreatingafaultevenifthefaultlimitsareexceeded.
A look at the telemetry window shows the effect of the
marginhighormarginlowoperation.Thefollowingscreen
shotshowsallrailsgoingfromnominalsetpointstomargin
high, margin low, and back to nominal voltages.
Each LTC2977 inside the LTC2980 has a multiplexed ADC
that is used to provide voltage, current, and temperature
readback values. The telemetry plot in the GUI is similar to
amulti-channeloscilloscopewhichiscapableofdisplaying
any parameter that is displayed in the telemetry window.
Due to the nature of a multiplexed ADC converter, it has
an associated ADC loop time. The total ADC loop time
(~100ms to 160ms) for a given channel is dependent on
thedevice’sconfiguration.RefertotheLTC2977datasheet
for complete ADC timing specifications.
Creating a Fault
There is a pushbutton on the DC2198A board that is used
to force a fault and demonstrate the demo board’s ability
to detect it and respond according to the configuration.
When depressed, the pushbutton creates a fault on chan-
nel  10, the 2.5V output (GUI channel U1:2). The user
shouldseealloutputspoweroff,thefaultLEDmomentarily
illuminate, the alert LED illuminate continuously, and all
rails sequence back on after a retry period. The user may
also short any power supply output indefinitely. This is
a good way to induce UV faults and
shows that a shorted channel will not
be damaged. Use a jumper wire or a
coin to short any output.
The LTC2980 has a feature, which allows it to sequence its
channels off in a controlled manner, as opposed to turning
all rails off immediately. The SequenceOffOnFault bit in the
MFR_CONFIG_LTC2977registersetsthisbehavioroneach
channel. The DC2198A demo board has been configured
to sequence off all channels when a fault occurs. Pressing
the “CREATE FAULT” pushbutton causes the Fault pin to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com