Electronic Components Datasheet Search
  English  ▼

X  

LTC2980 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2980
Description  16-Channel Power Supply System Featuring the LTC2980 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2980 Datasheet(HTML) 4 Page - Linear Technology

  LTC2980 Datasheet HTML 1Page - Linear Technology LTC2980 Datasheet HTML 2Page - Linear Technology LTC2980 Datasheet HTML 3Page - Linear Technology LTC2980 Datasheet HTML 4Page - Linear Technology LTC2980 Datasheet HTML 5Page - Linear Technology LTC2980 Datasheet HTML 6Page - Linear Technology LTC2980 Datasheet HTML 7Page - Linear Technology LTC2980 Datasheet HTML 8Page - Linear Technology LTC2980 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
dc2198af
DEMO MANUAL DC2198A
QUICK START PROCEDURE
ThefollowingproceduredescribeshowtosetupaDC2198A
demo system.
1. Download and install the LTpowerPlay GUI:
www.linear.com/ltpowerplay
2. Remove the board from the ESD protective bag and
place it on a level surface. Connect the DC1613 I2C/
SMBus/PMBus Controller to the DC2198A board using
the 12-pin ribbon cable.
3. Confirm that the CONTROL switch is set to the RUN
position.
4. Plug the USB to I2C/SMBus/PMBus Controller into a
USB port on your PC. The board should power up with
all power good LEDs and +5V LED illuminated green.
The USB-to-I2C/SMBus/PMBus Controller supplies
~100mA of current which should be sufficient for a
single demo board.
5. Ifmultipleboardsarebeingpowered,connecta+12VDC
power supply with >0.5A capacity to the VIN input jack
of the DC2198A.
6. Launch the LTpowerPlay GUI.
a. The GUI automatically identifies the DC2198A and
builds a system tree. The system tree on the left
hand side should look like this:
Figure 2. Connecting DC2198A Board and the DC1613 I2C/SMBus/PMBus Controller
Note: For multiple board arrays, the GUI automati-
cally ensures each device has a unique address. In
this scenario, it is recommended at this
point to store these addresses to NVM
(EEPROM)byclickingthe“RAM->NVM”
icon in the toolbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com