Electronic Components Datasheet Search
  English  ▼

X  

LTC4233 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4233
Description  10A/20A Guaranteed SOA Hot Swap Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4233 Datasheet(HTML) 1 Page - Linear Technology

  LTC4233 Datasheet HTML 1Page - Linear Technology LTC4233 Datasheet HTML 2Page - Linear Technology LTC4233 Datasheet HTML 3Page - Linear Technology LTC4233 Datasheet HTML 4Page - Linear Technology LTC4233 Datasheet HTML 5Page - Linear Technology LTC4233 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2116afa
DEMO MANUAL DC2116A
Description
LTC4233/LTC4234
10A/20A Guaranteed SOA
Hot Swap Controller
Demonstration circuit 2116A features the LTC4233/
LTC®423410A/20AGuaranteedSOAHotSwap™Controllers.
The LTC4233 and LTC4234 are ideally suited for compact
power distribution control in 2.9V to 15V applications for
hot board insertion protection, high side power switching,
andelectroniccircuitbreakerfunctions.Theyprovidearich
setoffeaturestosupportHotSwapapplicationsincluding:
• 2.5%AccurateUndervoltageandOvervoltageProtection
• Overtemperature Protection
• Adjustable Inrush Current Control
• Adjustable,11%Accurate Current Limit
• Adjustable Output Voltage Ramp Rate
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
performance summary
• Configurable for Auto Retry or Latch Off for Overcurrent
Faults
• Power Good and Fault Outputs
Available in 38-pin 5mm
× 9mm QFN packages, the
LTC4234 is showcased on DC2116A-A while the LTC4233
is showcased on DC2116A-B, both configured for a 12V
application. By changing a few passive components, 2.9V
to 15V applications can easily be evaluated.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2116A
Specifications are at TA = 25°C
PARAMETER
CONDITIONS
VALUE
Input Supply Voltage Range
2.9V to 15V
Nominal Operating Voltage
12.0V
Overvoltage Lockout
Nominal
15.2V
Undervoltage Lockout (Voltage Falling)
Nominal
9.2V
Undervoltage Lockout (Voltage Rising)
Nominal
9.9V
Output Current Limit
Nominal (LTC4233)
11.2A
Nominal (LTC4234)
22.5A
Maximum Load Capacitance
Nominal
8200µF
Timer Expiration Period
Nominal
1.2ms or 2.0ms


Similar Part No. - LTC4233

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4233 LINER-LTC4233 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LTC4233 AD-LTC4233 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
More results

Similar Description - LTC4233

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4234 LINER-LTC4234_15 Datasheet
409Kb / 20P
20A Guaranteed SOA Hot Swap Controller
LTC4234 LINER-LTC4234 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com