Electronic Components Datasheet Search
  English  ▼

X  

LTC4233 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4233
Description  10A/20A Guaranteed SOA Hot Swap Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4233 Datasheet(HTML) 4 Page - Linear Technology

  LTC4233 Datasheet HTML 1Page - Linear Technology LTC4233 Datasheet HTML 2Page - Linear Technology LTC4233 Datasheet HTML 3Page - Linear Technology LTC4233 Datasheet HTML 4Page - Linear Technology LTC4233 Datasheet HTML 5Page - Linear Technology LTC4233 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc2116afa
DEMO MANUAL DC2116A
Dc2116a-a Quick start proceDure
Dc2116a-B Quick start proceDure
Turn on the power supply; verify the input voltage is 12V.
Verify the output voltage and the load current; D3 and D4
should both be illuminated (input voltage and output volt-
age,respectively)andbothD1(FLT)andD2(PG)shouldbe
off. On power-up, observe the slope of VOUT. This should
be in the range of 0.15 to 0.55V/ms, corresponding to a
ramp-up time of 22ms to 80ms to 12V. With the circuit
functioning,additionalevaluationscannowbeperformed.
OV/UV/PG thresholds – Set the input supply to zero and
ramp the voltage slowly, observing the following events.
Above 10.0V, the circuit will be out of UV lockout and the
output should ramp up, lighting D4. Above 10.9V the FB
pin will be past its threshold, asserting the PG pin high and
extinguishing D2. Increasing the supply past 15.2V will
engage OV lockout; D4 will extinguish and D2 will light.
Notethatthevoltagesindicatedinthissteparemaximums,
taking into consideration the tolerances of the resistors
and the LTC4234 thresholds.
Current Limit Thresholds – With the input supply set to
12V,loadtheoutputwitha0.59Ωpowerresistorcapableof
dissipating 300W. Power should remain on, as the current
will be below the 20A minimum current limit threshold.
Next, load the output with a 0.48Ω power resistor. Power
should be interrupted, as the current will be above the 25A
maximum current limit threshold.
Inrush into capacitive load – One of the main functions of
a Hot Swap circuit is to provide controlled ramp-up into a
capacitive load to avoid disturbing the input power sup-
ply. For the following tests, ensure that the AUTORETRY
jumper is set to OFF and the TIMER DURATION jumper
is set to 2.0ms. To guarantee that current limit is never
reached during ramp-up into a capacitor, the current must
be less than the minimum current limit threshold of 4A
when the gate ramp rate is at its maximum value of 0.6V/
ms.(Notethattheminimumcurrentlimitthresholdoccurs
when the FB pin is at 0V.)
C = i/(dV/dt) = 4A/(0.6V/ms) = 6667µF
Thus the circuit will always power up successfully with a
6000µF capacitor at VOUT, and observation of the TIMER
turret post will show that it never begins to ramp.
The LTC4233, on the DC2116A-B, should be tested as
above with actual values scaled to values shown in the
data sheet.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com