Electronic Components Datasheet Search
  English  ▼

X  

LTC4233 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4233
Description  10A/20A Guaranteed SOA Hot Swap Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4233 Datasheet(HTML) 2 Page - Linear Technology

  LTC4233 Datasheet HTML 1Page - Linear Technology LTC4233 Datasheet HTML 2Page - Linear Technology LTC4233 Datasheet HTML 3Page - Linear Technology LTC4233 Datasheet HTML 4Page - Linear Technology LTC4233 Datasheet HTML 5Page - Linear Technology LTC4233 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2116afa
DEMO MANUAL DC2116A
Quick start proceDure
Table 1. Power Input and Output Connections
NOMENCLATURE
CONNECTOR
DESCRIPTION
VDD
E13
12V In
GND
E14
12V In Return
VOUT
E6
12V Out
GND
E7
12V Out Return
Table 3. LED Indicators
NOMENCLATURE
PART DESIGNATOR
DESCRIPTION
FAULT
D1 (Red)
Indicates Overcurrent Fault
POWER BAD
D2 (Red)
VOUT Not Up to Full Voltage
INPUT POWER
D3 (Green)
Input Voltage Present
OUTPUT POWER
D4 (Green)
Output Voltage Present
Table 4. Jumpers
NOMENCLATURE
PART DESIGNATOR
DESCRIPTION
AUTORETRY
JP1
ON Position for Autoretry
TIMER DURATION
JP2
1.2ms or 2.0ms Timer Duration
Table 2. Test Points
NOMENCLATURE
TURRET
DESCRIPTION
INTVCC
E1
INTVCC monitor
TIMER
E2
TIMER pin monitor
PG
E3
PG pin monitor
ISET
E4
ISET pin monitor
IMON
E5
IMON pin monitor
GND
E8
VOUT return monitor
VOUT
E9
VOUT monitor
UV
E10
UV pin monitor
OV
E11
OV pin monitor
VDD
E12
VDD monitor
GND
E15
VDD return monitor
SENSE
E16
SENSE pin monitor
FLT
E17
FLT pin monitor
GATE
E18
GATE pin monitor
GND
E19, E20, E21
Ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com