Electronic Components Datasheet Search
  English  ▼

X  

LTC4233 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4233
Description  10A/20A Guaranteed SOA Hot Swap Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4233 Datasheet(HTML) 3 Page - Linear Technology

  LTC4233 Datasheet HTML 1Page - Linear Technology LTC4233 Datasheet HTML 2Page - Linear Technology LTC4233 Datasheet HTML 3Page - Linear Technology LTC4233 Datasheet HTML 4Page - Linear Technology LTC4233 Datasheet HTML 5Page - Linear Technology LTC4233 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2116afa
DEMO MANUAL DC2116A
Dc2116a-a Quick start proceDure
DC2116A-A is easy to set up to evaluate the performance
of the LTC4234. Refer to Figure 1 for proper measurement
equipment setup and follow the procedure below.
DC2116A has two user configurable jumper options:
• JP1 AUTORETRY – Set to ON for auto retry or OFF for
latch off on over-current faults. (Default position: OFF)
• JP2TIMERDURATION–Setto2msfortheinternal2ms
timer or 1.2ms determined by C2, C2 may be replaced
for other timer durations. (Default position: 1.2ms)
LEDs indicate the state of input power (D2), output power
(D4), FAULT (D3) and PG (D1). Load current can be moni-
tored on the IMON turret, which has a value of 0.1V/A
determined by RMON (20k.)
Set an adjustable power supply, capable of supplying 30
amps, at 16V. Turn off power and connect the supply to
the VDD and GND banana jacks.
Connect a suitable load to the VOUT and GND banana
jacks. This load can be an electronic load or power resis-
tors capable of dissipating 300W.
NOTE:BecausetheLTC4234incorporatesfoldbackcurrent
limiting, the nominal startup current supplied to the load
is approximately 5.7A, and may be as low as 4A. This cur-
rent limit increases linearly until the FB pin exceeds 0.6V
(VOUT > 5.1V). An electronic constant current load set to
≤ 20 amps will not permit the circuit to turn on unless it
is gated on by the PG signal (as would be the case with a
DC/DC converter controlled by the PG signal). Resistive
loading will not have this problem.
Figure 1. Proper Measurement Equipment Setup
+
–
ADJUSTABLE
POWER SUPPLY
TEST
LOADS
DC2116 F01
+
–
+
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com