Electronic Components Datasheet Search
  English  ▼

X  

TS3310 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # TS3310
Description  User-enabled Secondary Output Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3310 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button TS3310 Datasheet HTML 7Page - Silicon Laboratories TS3310 Datasheet HTML 8Page - Silicon Laboratories TS3310 Datasheet HTML 9Page - Silicon Laboratories TS3310 Datasheet HTML 10Page - Silicon Laboratories TS3310 Datasheet HTML 11Page - Silicon Laboratories TS3310 Datasheet HTML 12Page - Silicon Laboratories TS3310 Datasheet HTML 13Page - Silicon Laboratories TS3310 Datasheet HTML 14Page - Silicon Laboratories TS3310 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TS3310
TS3310 Rev. 1.1
Page 11
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT_ON=GND, VVGOOD=GND, COUT=C1=C2=0.1µF, ISTORE=0A, IOUT=0A unless otherwise specified. Values are at TA=25°C unless otherwise
specified.
Startup : Circuit A with RIN=10Ω
VIN=2V, STORE=5V, ISTORE=10mA
Startup : Circuit A with RIN=10Ω
VIN=1.2V, STORE=1.8V, ISTORE=10mA
Startup : Circuit A with RIN=10Ω
VIN=0.9V, STORE=1.8V, ISTORE=0.18µA
Startup : Circuit A with RIN=10Ω
VIN=2V, STORE=5V, ISTORE=0.5µA
Circuit A
Circuit B
L
10µH
PN: CBC3225T100KR
100µH
PN: CBC3225T101KR
CIN=CSTORE
22 µF
2.2 µF
CLSW
220pF
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com