Electronic Components Datasheet Search
  English  ▼

X  

TS3310 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # TS3310
Description  User-enabled Secondary Output Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3310 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button TS3310 Datasheet HTML 9Page - Silicon Laboratories TS3310 Datasheet HTML 10Page - Silicon Laboratories TS3310 Datasheet HTML 11Page - Silicon Laboratories TS3310 Datasheet HTML 12Page - Silicon Laboratories TS3310 Datasheet HTML 13Page - Silicon Laboratories TS3310 Datasheet HTML 14Page - Silicon Laboratories TS3310 Datasheet HTML 15Page - Silicon Laboratories TS3310 Datasheet HTML 16Page - Silicon Laboratories TS3310 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TS3310
TS3310 Rev. 1.1
Page 13
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
OUT_ON
Logic Input. Turns on OUT switch.
2
S0
Logic Input. Sets the regulated voltage at STORE.
3
IN
Boost Input. Connect to input source. Connect Input capacitor, CIN.
4
S1
Logic Input. Sets the regulated voltage at STORE.
5
S2
Logic Input. Sets the regulated voltage at STORE.
6
VGOOD
Open Drain Output. High impedance when STORE>90% of regulation
voltage.
7
GND
Ground. Connect this pin to the analog ground plane.
8
LSW
Inductor Connection. If using an inductor value ≤22µH, please see Table 3
for recommended CLSW values.
9
STORE
Regulated output voltage set by S0, S1, S2 logic. Connect Storage
capacitor, CSTORE.
10
OUT
Switched Output.
Exposed
Paddle
EP
For best electrical and thermal performance, connect exposed backside
paddle to analog ground plane.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com