Electronic Components Datasheet Search
  English  ▼

X  

TS3310 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # TS3310
Description  User-enabled Secondary Output Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3310 Datasheet(HTML) 3 Page - Silicon Laboratories

  TS3310 Datasheet HTML 1Page - Silicon Laboratories TS3310 Datasheet HTML 2Page - Silicon Laboratories TS3310 Datasheet HTML 3Page - Silicon Laboratories TS3310 Datasheet HTML 4Page - Silicon Laboratories TS3310 Datasheet HTML 5Page - Silicon Laboratories TS3310 Datasheet HTML 6Page - Silicon Laboratories TS3310 Datasheet HTML 7Page - Silicon Laboratories TS3310 Datasheet HTML 8Page - Silicon Laboratories TS3310 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TS3310
TS3310 Rev. 1.1
Page 3
ELECTRICAL CHARACTERISTICS
VIN=1.2V, VOUT_ON=VIN, VPROG is the programmed voltage according to S2, S1, S0 pins set for STORE voltage of 3V unless otherwise
specified. TA=-40°C to 85°C. Typical values are at TA=+25°C unless otherwise specified. Please see Note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
0.9
5
V
Under Voltage Lock Out
UVLO
0.855
0.9
V
Hysteresis
20
mV
STORE Voltage
VSTORE
ISTORE=50% of ISTORE(MAX),
0.9V<VIN<3.6V, at any
VPROG>VIN. TA=+25°C.
See Note 2.
0.97 x
VPROG
VPROG
1.03 x
VPROG
V
VPROG Tempco
0.027
% / °C
No-Load Input Current,
IQ
I-Floor
@ IN. See Note 3.
90
180
nA
@ STORE. See Note 3.
30
Active-Mode
@ IN. See Note 4.
150
Boost Switch On-Time
TON
VIN=1.8V
0.8 x 2/VIN
2/VIN
1.2 x 2/VIN
µsec
On
Resistance
NMOS
RON
NMOS
VSTORE=1.8V
0.8
1.3
Ω
PMOS
RON
PMOS
1.1
1.65
LOAD
SWITCH
RON
LOAD
SWITCH
1.1
1.65
NMOS
RON
NMOS
VSTORE=3V
500
mΩ
PMOS
RON
PMOS
650
LOAD
SWITCH
RON
LOAD
SWITCH
650
VSTORE GOOD
VVGOOD
% of target STORE voltage
80
90
95
%
Hysteresis
5
VOUT_ON
Input Voltage
VOUT_ON L
Low CMOS Logic Level
0.2
V
VOUT_ON H
High CMOS Logic Level
0.6
S0, S1, S2
Input Voltage
S0L, S1L,
S2L
Low CMOS Logic Level
0.2
V
S0H, S1H,
S2H
High CMOS Logic Level
0.6
S0, S1, S2, OUT_ON
Input Leakage Current
5
nA
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by characterization for TA = -40°C to +85°C, as specified.
Note 2: ISTORE(MAX) is provided as the Maximum Average STORE Current by the graph entitled “Expected Maximum STORE Output Current” in
the TS3310 Applications Section.
Note 3: VSTORE output is driven above regulation point. No switching is occurring.
Note 4: VSTORE=3V. L=100µH. CSTORE=1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com