Electronic Components Datasheet Search
  English  ▼

X  

TS3310 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # TS3310
Description  User-enabled Secondary Output Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3310 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button TS3310 Datasheet HTML 12Page - Silicon Laboratories TS3310 Datasheet HTML 13Page - Silicon Laboratories TS3310 Datasheet HTML 14Page - Silicon Laboratories TS3310 Datasheet HTML 15Page - Silicon Laboratories TS3310 Datasheet HTML 16Page - Silicon Laboratories TS3310 Datasheet HTML 17Page - Silicon Laboratories TS3310 Datasheet HTML 18Page - Silicon Laboratories TS3310 Datasheet HTML 19Page - Silicon Laboratories TS3310 Datasheet HTML 20Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TS3310
Page 19
TS3310 Rev. 1.1
The chosen inductor’s saturation current for a
specific inductor value should be at least 50%
greater than the peak inductor current value
displayed in Figure 4, entitled ‘Inductor Current
Handling Requirements’. Table 2 provides a list of
some inductor manufacturers.
Tables 4 and 5 show some example inductors for
values of 10µH and 100µH that may be used for
circuit A or B. The tables include the inductors’ Rdc
(inductor series dc resistance or ESR), saturation
current, and dimensions. As mentioned previously,
the inductor’s saturation current should always be
greater than 150% of the peak inductor current;
therefore the appropriate size and efficiency
(dependent upon ESR) may be chosen based on the
application’s requirements.
To guarantee maximum output power for 10µH and
22µH operation, a CLSW capacitor should be placed
at the LSW pin to ground. Please refer to Table 3 for
the recommended CLSW values. A ceramic capacitor
with a NPO or COG dielectric is recommended for
CLSW with a minimum voltage rating of 50V.
Input and STORE Capacitor Selection
Ceramic capacitors are recommended for CIN and
CSTORE, due to ceramics’ extremely low leakage
currents (generally limited by very high insulation
resistance). Larger value ceramics (10µF or greater)
may use high constant dielectric materials, such as
X5R and X7R. These materials exhibit a strong
voltage coefficient and exhibit substantially lower
capacitance than rated when operated near the
maximum specified voltage. For these types of
capacitors, use a 10V or greater voltage rating.
Inductor Value
P/N
Inductor
Series
Rdc
Saturation
Current
(LxWxH)
(mm)
10µH
LQH32CN100K33
LQH
32C_33
0.3 Ω
450mA
3.2x2.5x2.0
10µH
LQH32CN100K53
LQH
32C_53
0.3 Ω
450mA
3.2x2.5x1.55
10µH
LQH43CN100K03
LQH
43C
0.24 Ω
650mA
4.5x3.6x2.6
100µH
LQH32CN101K23
LQH
32C_23
3.5 Ω
100mA
3.2x2.5x2.0
100µH
LQH32CN101K53
LQH
32C_53
3.5 Ω
100mA
3.2x2.5x1.55
100µH
LQH43CN101K03
LQH
43C
2.2 Ω
190mA
4.5x3.6x2.8
Table 5. Murata Example Inductors
Inductor Value
P/N
Inductor
Type
Rdc
Saturation
Current
(LxWxH)
(mm)
10µH
CBC20166T100K
CBC
2016
0.82 Ω
380mA
2x1.6x1.6
10µH
CBC2518T100K
CBC
2518
0.36 Ω
480mA
2.5x1.8x1.8
10µH
CBC3225T100KR
CBC
3225
0.133 Ω
900mA
3.2x2.5x2.5
100µH
CB2016T101K
CB
2016
4.5 Ω
70mA
2x1.6x1.6
100µH
CB2518T101K
CB
2518
2.1 Ω
60mA
2.5x1.8x1.8
100µH
CBC2518T101K
CBC
2518
3.7 Ω
160mA
2.5x1.8x1.8
100µH
CBC3225T101KR
CBC
3225
1.4 Ω
270mA
3.2x2.5x2.5
Table 4. Taiyo-Yuden Example Inductors
Table 3. Recommended CLSW Values
Inductor Value
CLSW
>22µH
---
22µH
100pF
10µH
220pF
Inductors
Taiyo Yuden
www.t-yuden.com
Murata
www.murata.com
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Table 2. Inductor Manufacturers
Figure 4. Inductor Peak Current vs Inductor Value
Inductor Current Handling Requirement
Inductor Value - µH
10
100
1000
1000
100
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com