Electronic Components Datasheet Search
  English  ▼

X  

MB60S Datasheet(PDF) 4 Page - SL Power Electronics

Part # MB60S
Description  60W Single Output Medical Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB60S Datasheet(HTML) 4 Page - SL Power Electronics

  MB60S Datasheet HTML 1Page - SL Power Electronics MB60S Datasheet HTML 2Page - SL Power Electronics MB60S Datasheet HTML 3Page - SL Power Electronics MB60S Datasheet HTML 4Page - SL Power Electronics MB60S Datasheet HTML 5Page - SL Power Electronics MB60S Datasheet HTML 6Page - SL Power Electronics MB60S Datasheet HTML 7Page - SL Power Electronics MB60S Datasheet HTML 8Page - SL Power Electronics MB60S Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MB60S
60W Single Output
Medical Series
www.slpower.com
MB60S 6-July-15
4
EMI/EMC Compliance
PARAMETER
SPECIFICATION
NOTES
Conducted Emissions:
EN55011/22 Class B; FCC Part 15
Radiated Emissions:
EN55011/22 Class A; FCC Part 15
Harmonic Current
Emissions
EN61000-3-2, Class A
Voltage Fluctuations &
Flicker
EN61000-3-3
Static Discharge
Immunity:
EN61000-4-2 6kV contact, 8kV air, Criteria A
Performance criteria are defined as
following:
A – Normal performance
during and after the test
B – Temporary degradation,
self-recoverable
C – Temporary degradation,
operator intervention required
to recover the operation
RF Field Susceptability
EN61000-4-3 (3V/m), Criteria A
Fast Transients/Bursts
EN61000-4-4 (PS: 2kV-40A, other lines 1kV-
20A), Criteria B
Surge Susceptability
EN61000-4-5, Installation Class 3 (1kV diff.
mode, 2kV common mode), Criteria A
Conducted RF
Susceptability
EN61000-4-6 (3Vrms), Criteria A
Power Frequency
Magnetic Field Test
EN61000-4-8 (3A/m), Criteria A
Voltage Sags & Surges
EN61000-4-11,
95% dip/0.5 cycle (Criteria A),
60%/5cycles (Criteria B ), 30%/25 cycles
(Criteria A).
Notes:
1. Specifications subject to change without notice.
2. Specifications are for convection rating at factory settings with 115Vac input and 25°C ambient unless
otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com