Electronic Components Datasheet Search
  English  ▼

X  

MB60S Datasheet(PDF) 3 Page - SL Power Electronics

Part # MB60S
Description  60W Single Output Medical Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB60S Datasheet(HTML) 3 Page - SL Power Electronics

  MB60S Datasheet HTML 1Page - SL Power Electronics MB60S Datasheet HTML 2Page - SL Power Electronics MB60S Datasheet HTML 3Page - SL Power Electronics MB60S Datasheet HTML 4Page - SL Power Electronics MB60S Datasheet HTML 5Page - SL Power Electronics MB60S Datasheet HTML 6Page - SL Power Electronics MB60S Datasheet HTML 7Page - SL Power Electronics MB60S Datasheet HTML 8Page - SL Power Electronics MB60S Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MB60S
60W Single Output
Medical Series
www.slpower.com
MB60S 6-July-15
3
Safety Standard Compliance
Agency
CONDITIONS
UL
ANSI/AAMI ES60101:2005, 3
rd Edition
CSA
CAN/CSA-C22.2 No. 60601-1 (2008)
Demko
EN 60601-1:2006
CB Report
IEC 60601-1 (3
rd Edition)
Isolation Type:
B rated
Isolation Specifications
PARAMETER
CONDITIONS
Rating
NOTES
Insulation Safety
Rating:
Input to Ground
1 MOPP
Input to Output
2 MOPP
Output to Ground
Functional
Electric Strength Test
Voltage:
Input to Ground
1800Vac
Input to Output
4000Vac
Output to Ground
500Vac
.
Environmental Specifications
PARAMETER
SPECIFICATION
NOTES
Operating
Temperature:
-10°C to +80°C
-40°C Startup guaranteed
Temperature Derating:
For Output Voltage ≥24V, derate output power to
50W @ 60C, 40 Watt @ 70C, and 20 Watts for 80C
<24V will derate to 40W at 60C,
30W at 70C, and 20W at 80C
Cooling:
Convection
Storage Temperature:
-40°C to +85°C
Altitude:
Operating: -500 to 3,000 meter
Non-operating: -500 to 40,000 ft.
Relative Humidity:
5% to 95%, non-condensing
Shock:
Non-Operating: Half-sine, 40 gpk, 10mS, 3 axes, 6
shocks total
Vibration:
Random vibration per MIL-STD-810E, Method
514.4, Cat. 1, Figure 514.4-1, 1 hr in each of three
axes
Reliability Specifications
PARAMETER
SPECIFICATION
NOTES
MTBF:
700,000 hours, 25°C ambient, full load
Calculation is done based on
Telcordia.
Reports
for
each
model is available
Warranty:
3 Years
Limited
HALT Data:
Per SL Power Halt procedure
Report is available



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com