Electronic Components Datasheet Search
  English  ▼

X  

MB60S Datasheet(PDF) 1 Page - SL Power Electronics

Part # MB60S
Description  60W Single Output Medical Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB60S Datasheet(HTML) 1 Page - SL Power Electronics

  MB60S Datasheet HTML 1Page - SL Power Electronics MB60S Datasheet HTML 2Page - SL Power Electronics MB60S Datasheet HTML 3Page - SL Power Electronics MB60S Datasheet HTML 4Page - SL Power Electronics MB60S Datasheet HTML 5Page - SL Power Electronics MB60S Datasheet HTML 6Page - SL Power Electronics MB60S Datasheet HTML 7Page - SL Power Electronics MB60S Datasheet HTML 8Page - SL Power Electronics MB60S Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MB60S
60W Single Output
Medical Series
www.slpower.com
MB60S 6-July-15
1
Features
Ultra Small size of 2” x 3” x 1”
For 1U Applications
60W convection cooled
Universal Input 90-264Vac
Approved to IEC60601-1, 3
rd Edition with 2 MOPP
Level V Efficiency Compliant Models
Less than 0.5W no-load Power Consumption
3 Year Warranty
Optional LED indicator for power-on
RoHS Compliant
Description
The MB60S Series models provide a reliable power source in high power density in 2” x 3” x 1” package.
Fully compliant to the applicable safety and EMC standards, these models will allow easy integration into many
Medical applications. All 6 models are CE marked to low voltage directive and approved to Medical standards
of IEC60601-1 3
rd edition with 2 MOPP.
Model Selection
Model
Output Current
Output Power
Ripple &
Total
OVP
Number
Volts
Convection Cooled
Convection Cooled
Noise*
Regulation
Threshold
MB60S12K
12V
4.58A
55W
120mV pk-pk
±
2%
14.4-18Vdc
MB60S15K
15V
4.00A
60W
150mV pk-pk
±
2%
18-22.5Vdc
MB60S18K
18V
3.33A
60W
180mV pk-pk
2%
21-25.5Vdc
MB60S24K
24V
2.50A
60W
240mV pk-pk
±
2%
28.8-36Vdc
MB60S36K**
36V
1.67A
60W
360mV pk-pk
±
2%
42-47Vdc
MB60S48K
48V
1.25A
60W
480mV pk-pk
±
2%
57.6-72Vdc
Notes:
* At -20C, the noise and ripple is 2% of the output.
** For product availability, please contact the factory
Input Specifications
PARAMETER
SPECIFICATION
NOTES
AC Input Voltage:
90-264Vac, single phase
AC Input Frequency:
47-63Hz
AC Input Current:
120Vac: 1.4A, 240Vac: 0.75A
Turn-on Input Voltage:
75V
Ramping Up
Turn-off Input Voltage:
65V
Ramping Down
Inrush Current:
40A maximum @ 0C


Similar Part No. - MB60S

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
Magnetic field sensor
MB60-8GM50-E2 PF-MB60-8GM50-E2 Datasheet
207Kb / 2P
Magnetic field sensor
MB60-8GM50-E2-V3 PF-MB60-8GM50-E2-V3 Datasheet
253Kb / 2P
Magnetic field sensor
logo
Mitel Networks Corporat...
MB6010 MITEL-MB6010 Datasheet
8Kb / 2P
Product Summary Prototyping Kits
logo
Mechatronics, Inc.
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
More results

Similar Description - MB60S

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
60W Dual Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
60W Single Output Medical Type
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
60W Triple Output Medical Type
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
60W Dual Output Medical Type
RPS-60 MEANWELL-RPS-60_11 Datasheet
298Kb / 2P
60W Single Output Medical Type
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
60W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60_12 Datasheet
821Kb / 3P
60W Triple Output Medical Type
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
60W Single Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
60W Dual Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
60W AC-DC Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com