Electronic Components Datasheet Search
  English  ▼

X  

MB60S Datasheet(PDF) 5 Page - SL Power Electronics

Part # MB60S
Description  60W Single Output Medical Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MB60S Datasheet(HTML) 5 Page - SL Power Electronics

  MB60S Datasheet HTML 1Page - SL Power Electronics MB60S Datasheet HTML 2Page - SL Power Electronics MB60S Datasheet HTML 3Page - SL Power Electronics MB60S Datasheet HTML 4Page - SL Power Electronics MB60S Datasheet HTML 5Page - SL Power Electronics MB60S Datasheet HTML 6Page - SL Power Electronics MB60S Datasheet HTML 7Page - SL Power Electronics MB60S Datasheet HTML 8Page - SL Power Electronics MB60S Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MB60S
60W Single Output
Medical Series
www.slpower.com
MB60S 6-July-15
5
Mechanical Drawing
Connector Information
Input Connector
J100
DC Output
Connector
J2
Ground
(FG)
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
PIN 1) +Vout
PIN 3) -Vout
PIN 2) +Vout
PIN 4) -Vout
19-30258-0187 (Keystone 1285)
(Zierick 895)(.187*0.020)
Mating Connector:
Tyco/AMP 640250-3
Pins = 770461-1
Mating Connector:
AMP 640250-4
Pins = 770461-1
Mating Connector
Molex 19002-0005
1.
Mounting holes should be connected together for EMI purpose
2.
FG is safety ground connection
3.
This power supply requires mounting on metal standoffs 0.20” (5mm) in height



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com