Electronic Components Datasheet Search
  English  ▼

X  

CAP1106 Datasheet(PDF) 5 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 5 Page - Microchip Technology

  CAP1106 Datasheet HTML 1Page - Microchip Technology CAP1106 Datasheet HTML 2Page - Microchip Technology CAP1106 Datasheet HTML 3Page - Microchip Technology CAP1106 Datasheet HTML 4Page - Microchip Technology CAP1106 Datasheet HTML 5Page - Microchip Technology CAP1106 Datasheet HTML 6Page - Microchip Technology CAP1106 Datasheet HTML 7Page - Microchip Technology CAP1106 Datasheet HTML 8Page - Microchip Technology CAP1106 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
 2015 Microchip Technology Inc.
DS00001624B-page 5
CAP1106
2.0
PIN DESCRIPTION
FIGURE 2-1:
CAP1106 Pin Diagram (10-Pin DFN)
TABLE 2-1:
PIN DESCRIPTION FOR CAP1106
Pin
Number
Pin Name
Pin Function
Pin Type
Unused
Connection
1
CS1
Capacitive Touch Sensor Input 1
AIO
Connect to
Ground
2ALERT#
ALERT# - Active low alert / interrupt output for SMBus
alert
OD (5V)
Connect to
Ground
ALERT# - Active high alert / interrupt output for SMBus
alert
DO
leave open
3SMDATA
SMDATA - Bi-directional, open-drain SMBus data -
requires pull-up resistor
DIOD (5V)
n/a
4
SMCLK
SMCLK - SMBus clock input - requires pull-up resistor
DI (5V)
n/a
5
VDD
Positive Power supply
Power
n/a
6
CS6
Capacitive Touch Sensor Input 6
AIO
Connect to
Ground
7
CS5
Capacitive Touch Sensor Input 5
AIO
Connect to
Ground
8
CS4
Capacitive Touch Sensor Input 4
AIO
Connect to
Ground
9
CS3
Capacitive Touch Sensor Input 3
AIO
Connect to
Ground
GND
CS3
CS2
1
2
3
4
5
CS4
CS1
ALERT# / BC_IRQ#
SMDATA / BC_DATA
VDD
SMCLK / BC_CLK
CS5
CS6
CAP1106
3mm x 3mm DFN
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com