Electronic Components Datasheet Search
  English  ▼

X  

CAP1106 Datasheet(PDF) 6 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 6 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 2Page - Microchip Technology CAP1106 Datasheet HTML 3Page - Microchip Technology CAP1106 Datasheet HTML 4Page - Microchip Technology CAP1106 Datasheet HTML 5Page - Microchip Technology CAP1106 Datasheet HTML 6Page - Microchip Technology CAP1106 Datasheet HTML 7Page - Microchip Technology CAP1106 Datasheet HTML 8Page - Microchip Technology CAP1106 Datasheet HTML 9Page - Microchip Technology CAP1106 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
CAP1106
DS00001624B-page 6
 2015 Microchip Technology Inc.
APPLICATION NOTE: When the ALERT# pin is configured as an active low output, it will be open drain. When it
is configured as an active high output, it will be push-pull.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed 3.6V
when the CAP1106 is unpowered.
The pin types are described in Table 2-2. All pins labeled with (5V) are 5V tolerant.
10
CS2
Capacitive Touch Sensor Input 2
AIO
Connect to
Ground
Bottom
Pad
GND
Ground
Power
n/a
TABLE 2-2:
PIN TYPES
Pin Type
Description
Power
This pin is used to supply power or ground to the device.
DI
Digital Input - This pin is used as a digital input. This pin is 5V tolerant.
AIO
Analog Input / Output -This pin is used as an I/O for analog signals.
DIOD
Digital Input / Open Drain Output - This pin is used as a digital I/O. When it is used as an out-
put, it is open drain and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - This pin is used as a digital output. It is open drain and requires a
pull-up resistor. This pin is 5V tolerant.
DO
Push-pull Digital Output - This pin is used as a digital output and can sink and source current.
DIO
Push-pull Digital Input / Output - This pin is used as an I/O for digital signals.
TABLE 2-1:
PIN DESCRIPTION FOR CAP1106 (CONTINUED)
Pin
Number
Pin Name
Pin Function
Pin Type
Unused
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com