Electronic Components Datasheet Search
  English  ▼

X  

CAP1106 Datasheet(PDF) 1 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 1 Page - Microchip Technology

  CAP1106 Datasheet HTML 1Page - Microchip Technology CAP1106 Datasheet HTML 2Page - Microchip Technology CAP1106 Datasheet HTML 3Page - Microchip Technology CAP1106 Datasheet HTML 4Page - Microchip Technology CAP1106 Datasheet HTML 5Page - Microchip Technology CAP1106 Datasheet HTML 6Page - Microchip Technology CAP1106 Datasheet HTML 7Page - Microchip Technology CAP1106 Datasheet HTML 8Page - Microchip Technology CAP1106 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
 2015 Microchip Technology Inc.
DS00001624B-page 1
General Description
The CAP1106, which incorporates RightTouch® tech-
nology, is a multiple channel Capacitive Touch sensor.
The CAP1106 contains six (6) individual capacitive
touch sensor inputs. The device offers programmable
sensitivity for use in touch sensor applications. Each
sensor input automatically recalibrates to compensate
for gradual environmental changes.
The CAP1106 includes Multiple Pattern Touch recogni-
tion that allows the user to select a specific set of but-
tons to be touched simultaneously. If this pattern is
detected, then a status bit is set and an interrupt gen-
erated.
Additionally, the CAP1106 includes circuitry and sup-
port for enhanced sensor proximity detection.
The CAP1106 offers multiple power states operating at
low quiescent currents. In the Standby state of opera-
tion, one or more capacitive touch sensor inputs are
active.
Deep Sleep is the lowest power state available, draw-
ing 5uA (typical) of current. In this state, no sensor
inputs are active. Communications will wake the
device.
Applications
• Desktop and Notebook PCs
• LCD Monitors
• Consumer Electronics
• Appliances
Features
• Six (6) Capacitive Touch Sensor Inputs -
CAP1106
- Programmable sensitivity
- Automatic recalibration
- Individual thresholds for each button
• Proximity Detection
• Multiple Button Pattern Detection
• Calibrates for Parasitic Capacitance
• Analog Filtering for System Noise Sources
• Press and Hold feature for Volume-like Applica-
tions
• Multiple Communication Interfaces
- SMBus / I2C compliant interface
• Low Power Operation
- 5uA quiescent current in Deep Sleep
- 50uA quiescent current in Standby (1 sensor
input monitored)
- Samples one or more channels in Standby
• Available in 10-pin 3mm x 3mm RoHS compliant
DFN package
CAP1106
6 Channel Capacitive Touch Sensor


Similar Part No. - CAP1106

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1106-2-AIA-TR MICROCHIP-CAP1106-2-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
More results

Similar Description - CAP1106

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
5 and 6 Channel Capacitive Touch Sensor
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com