Electronic Components Datasheet Search
  English  ▼

X  

CAP1106 Datasheet(PDF) 10 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 10 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 6Page - Microchip Technology CAP1106 Datasheet HTML 7Page - Microchip Technology CAP1106 Datasheet HTML 8Page - Microchip Technology CAP1106 Datasheet HTML 9Page - Microchip Technology CAP1106 Datasheet HTML 10Page - Microchip Technology CAP1106 Datasheet HTML 11Page - Microchip Technology CAP1106 Datasheet HTML 12Page - Microchip Technology CAP1106 Datasheet HTML 13Page - Microchip Technology CAP1106 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
CAP1106
DS00001624B-page 10
 2015 Microchip Technology Inc.
4.0
COMMUNICATIONS
4.1
Communications
The CAP1106 communicates using the SMBus or I2C protocol. If the proprietary BC-Link protocol is required for your
application, please contact your Microchip representative for ordering instructions. Regardless of the communications
mechanism, the device functionality remains unchanged.
4.1.1
SMBUS (I2C) COMMUNICATIONS
The supports the following protocols: Send Byte, Receive Byte, Read Byte, Write Byte, Read Block, and Write Block.
In addition, the device supports I2C formatting for block read and block write protocols.
See Section 4.2 and Section 4.3 for more information on the SMBus bus and protocols respectively.
APPLICATION NOTE:
Upon power up, the CAP1106 will not respond to any communications for up to 15ms. After
this time, full functionality is available.
4.2
System Management Bus
The CAP1106 communicates with a host controller, such as an SIO, through the SMBus. The SMBus is a two-wire serial
communication protocol between a computer host and its peripheral devices. A detailed timing diagram is shown in
Figure 4-1. Stretching of the SMCLK signal is supported; however, the CAP1106 will not stretch the clock signal.
4.2.1
SMBUS START BIT
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic ‘0’ state while the
SMBus Clock line is in a logic ‘1’ state.
4.2.2
SMBUS ADDRESS AND RD / WR BIT
The SMBus Address Byte consists of the 7-bit slave address followed by the RD / WR indicator bit. If this RD / WR bit
is a logic ‘0’, then the SMBus Host is writing data to the slave device. If this RD / WR bit is a logic ‘1’, then the SMBus
Host is reading data from the slave device.
The CAP1106 responds to SMBus address 0101_000(r/w).
4.2.3
SMBUS DATA BYTES
All SMBus Data bytes are sent most significant bit first and composed of 8-bits of information.
4.2.4
SMBUS ACK AND NACK BITS
The SMBus slave will acknowledge all data bytes that it receives. This is done by the slave device pulling the SMBus
Data line low after the 8th bit of each byte that is transmitted. This applies to both the Write Byte and Block Write proto-
cols.
FIGURE 4-1:
SMBus Timing Diagram
SMDATA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DAT
TSU:STA
THD:STA
P
TSU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com