Electronic Components Datasheet Search
  English  ▼

X  

CAP1128 Datasheet(PDF) 31 Page - Microchip Technology

Part # CAP1128
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1128 Datasheet(HTML) 31 Page - Microchip Technology

Back Button CAP1128 Datasheet HTML 27Page - Microchip Technology CAP1128 Datasheet HTML 28Page - Microchip Technology CAP1128 Datasheet HTML 29Page - Microchip Technology CAP1128 Datasheet HTML 30Page - Microchip Technology CAP1128 Datasheet HTML 31Page - Microchip Technology CAP1128 Datasheet HTML 32Page - Microchip Technology CAP1128 Datasheet HTML 33Page - Microchip Technology CAP1128 Datasheet HTML 34Page - Microchip Technology CAP1128 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
 2015 Microchip Technology Inc.
DS00001622B-page 31
CAP1128
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when power is first
applied to the part and the voltage on the VDD supply surpasses the POR level as specified in the electrical character-
istics. Any reads to undefined registers will return 00h. Writes to undefined registers will not have an effect.
When a bit is “set”, this means that the user writes a logic ‘1’ to it. When a bit is “cleared”, this means that the user writes
a logic ‘0’ to it.
6.1
Main Control Register
The Main Control register controls the primary power state of the device.
Bits 7 - 6 - GAIN[1:0] - Controls the gain used by the capacitive touch sensing circuitry. As the gain is increased, the
effective sensitivity is likewise increased as a smaller delta capacitance is required to generate the same delta count
values. The sensitivity settings may need to be adjusted along with the gain settings such that data overflow does not
occur.
APPLICATION NOTE: The gain settings apply to both Standby and Active states.
B3h
R
Sensor Input 3 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 3
00h
Page 63
B4h
R
Sensor Input 4 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 4
00h
Page 63
B5h
R
Sensor Input 5 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 5
00h
Page 63
B6h
R
Sensor Input 6 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 6
00h
Page 63
B7h
R
Sensor Input 7 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 7
00h
Page 63
B8h
R
Sensor Input 8 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 8
00h
Page 63
B9h
R
Sensor Input Calibra-
tion LSB 1
Stores the 2 LSBs of the calibration
value for sensor inputs 1 - 4
00h
Page 63
BAh
R
Sensor Input Calibra-
tion LSB 2
Stores the 2 LSBs of the calibration
value for sensor inputs 5 - 8
00h
Page 63
FDh
R
Product ID
Stores a fixed value that identifies
each product
52h
Page 63
FEh
R
Manufacturer ID
Stores a fixed value that identifies
Microchip
5Dh
Page 64
FFh
R
Revision
Stores a fixed value that represents
the revision number
83h
Page 64
TABLE 6-2:
MAIN CONTROL REGISTER
ADDR
R/W
Register
B7
B6B5
B4
B3B2B1B0
Default
00h
R/W
Main Control
GAIN[1:0]
STBY
DSLEEP
-
-
-
INT
00h
TABLE 6-3:
GAIN BIT DECODE
GAIN[1:0]
Capacitive Touch Sensor Gain
10
00
1
01
2
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com