Electronic Components Datasheet Search
  English  ▼

X  

CAP1128 Datasheet(PDF) 51 Page - Microchip Technology

Part # CAP1128
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1128 Datasheet(HTML) 51 Page - Microchip Technology

Back Button CAP1128 Datasheet HTML 47Page - Microchip Technology CAP1128 Datasheet HTML 48Page - Microchip Technology CAP1128 Datasheet HTML 49Page - Microchip Technology CAP1128 Datasheet HTML 50Page - Microchip Technology CAP1128 Datasheet HTML 51Page - Microchip Technology CAP1128 Datasheet HTML 52Page - Microchip Technology CAP1128 Datasheet HTML 53Page - Microchip Technology CAP1128 Datasheet HTML 54Page - Microchip Technology CAP1128 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 75 page
background image
 2015 Microchip Technology Inc.
DS00001622B-page 51
CAP1128
APPLICATION NOTE: The polarity controls determine the final LED pin drive. A touch on a linked capacitive touch
sensor input is treated in the same way as the LED Output Control bit being set to a logic ‘1’.
APPLICATION NOTE: The LED drive assumes that the LEDs are configured such that if the LED pin is driven to
a logic ‘0’ then the LED will be on and that the CAP1128 LED pin is sinking the LED current.
Conversely, if the LED pin is driven to a logic ‘1’, the LED will be off and there is no current
flow. See Figure 5-1, "System Diagram for CAP1128".
APPLICATION NOTE: This application note applies when the LED polarity is inverted (LEDx_POL = ‘0’). For LED
operation, the duty cycle settings determine the % of time that the LED pin will be driven to
a logic ‘0’ state in. The Max Duty Cycle settings define the maximum % of time that the LED
pin will be driven low (i.e. maximum % of time that the LED is on) while the Min Duty Cycle
settings determine the minimum % of time that the LED pin will be driven low (i.e. minimum
% of time that the LED is on). When there is no touch detected or the LED Output Control
register bit is at a logic ‘0’, the LED output will be driven at the minimum duty cycle setting.
Breathe operations will ramp the duty cycle from the minimum duty cycle to the maximum
duty cycle.
APPLICATION NOTE: This application note applies when the LED polarity is non-inverted (LEDx_POL = ‘1’). For
LED operation, the duty cycle settings determine the % of time that the LED pin will be driven
to a logic ‘1’ state. The Max Duty Cycle settings define the maximum % of time that the LED
pin will be driven high (i.e. maximum % of time that the LED is off) while the Min Duty Cycle
settings determine the minimum % of time that the LED pin will be driven high (i.e. minimum
% of time that the LED is off). When there is no touch detected or the LED Output Control
register bit is at a logic ‘0’, the LED output will be driven at 100 minus the minimum duty
cycle setting. Breathe operations will ramp the duty cycle from 100 minus the minimum duty
cycle to 100 minus the maximum duty cycle.
APPLICATION NOTE: The LED Mirror controls (see Section 6.30, "LED Mirror Control Register") work with the
polarity controls with respect to LED brightness but will not have a direct effect on the output
pin drive.
Bit 1 - LED2_POL - Determines the polarity of the LED2 output.
• ‘0’ (default) - The LED2 output is inverted. For example, a setting of ‘1’ in the LED Output Control register will
cause the LED pin output to be driven to a logic ‘0’.
• ‘1’ - The LED2 output is non-inverted. For example, a setting of ‘1’ in the LED Output Control register will cause
the LED pin output to be driven to a logic ‘1’ or left in the high-z state as determined by its output type.
Bit 0 - LED1_POL - Determines the polarity of the LED1 output.
6.28
LED Output Control Register
The LED Output Control Register controls the output state of the LED pins that are not linked to sensor inputs.
The LED Polarity Control Register will determine the non actuated state of the LED pins. The actuated LED behavior is
determined by the LED behavior controls (see Section 6.31, "LED Behavior Register").
TABLE 6-47:
LED OUTPUT CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
74h
R/W
LED Output
Control
-
-
---
-
LED2_
DR
LED1_
DR
00h
Note:
If an LED is linked to a sensor input in the Sensor Input LED Linking Register (Section 6.26, "Sensor Input
LED Linking Register"), the corresponding bit in the LED Output Control Register is ignored (i.e. a linked
LED cannot be host controlled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com