Electronic Components Datasheet Search
  English  ▼

X  

CAP1128 Datasheet(PDF) 54 Page - Microchip Technology

Part # CAP1128
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1128 Datasheet(HTML) 54 Page - Microchip Technology

Back Button CAP1128 Datasheet HTML 50Page - Microchip Technology CAP1128 Datasheet HTML 51Page - Microchip Technology CAP1128 Datasheet HTML 52Page - Microchip Technology CAP1128 Datasheet HTML 53Page - Microchip Technology CAP1128 Datasheet HTML 54Page - Microchip Technology CAP1128 Datasheet HTML 55Page - Microchip Technology CAP1128 Datasheet HTML 56Page - Microchip Technology CAP1128 Datasheet HTML 57Page - Microchip Technology CAP1128 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
CAP1128
DS00001622B-page 54
 2015 Microchip Technology Inc.
APPLICATION NOTE: If an LED is actuated and not linked and the desired LED behavior is changed, this new
behavior will take effect immediately; however, the first instance of the changed behavior
may act incorrectly (e.g. if changed from Direct to Pulse 1, the LED output may ‘breathe’ 4
times and then end at minimum duty cycle). LED Behaviors will operate normally once the
LED has been un-actuated and then re-actuated.
APPLICATION NOTE: If an LED is actuated and it is switched from linked to a capacitive touch sensor input to
unlinked (or vice versa), the LED will respond to the new command source immediately if
the behavior was Direct or Breathe. For Pulse behaviors, it will complete the behavior
already in progress. For example, if a linked LED was actuated by a touch and the control
is changed so that it is unlinked, it will check the status of the corresponding LED Output
Control bit. If that bit is ‘0’, then the LED will behave as if a release was detected. Likewise,
if an unlinked LED was actuated by the LED Output Control register and the control is
changed so that it is linked and no touch is detected, then the LED will behave as if a release
was detected.
Bits 3 - 2 - LED2_CTL[1:0] - Determines the behavior of LED2 as shown in Table 6-52.
Bits 1 - 0 - LED1_CTL[1:0] - Determines the behavior of LED1 as shown in Table 6-52.
APPLICATION NOTE: The PWM frequency is determined based on the selected LED behavior, the programmed
breathe period, and the programmed min and max duty cycles. For the Direct behavior
mode, the PWM frequency is calculated based on the programmed Rise and Fall times. If
these are set at 0, then the maximum PWM frequency will be used based on the
programmed duty cycle settings.
TABLE 6-52:
LEDX_CTL BIT DECODE
LEDx_CTL
[1:0]
Operation
Description
Start TRigger
Stop Trigger
10
0
0
Direct
The LED is driven to the programmed state
(active or inactive). See Figure 6-7
Touch Detected or
LED Output Con-
trol bit set
Release
Detected or
LED Output
Control bit
cleared
01
Pulse 1
The LED will “Pulse” a programmed number
of times. During each “Pulse” the LED will
breathe up to the maximum brightness and
back down to the minimum brightness so that
the total “Pulse” period matches the pro-
grammed value.
Touch or Release
Detected or LED
Output Control bit
set or cleared
(see Section 6.32)
n/a
1
0
Pulse 2
The LED will “Pulse” when the start trigger is
detected. When the stop trigger is detected, it
will “Pulse” a programmable number of times
then return to its minimum brightness.
Touch Detected or
LED Output Con-
trol bit set
Release
Detected or
LED Output
Control bit
cleared
1
1
Breathe
The LED will breathe. It will be driven with a
duty cycle that ramps up from the pro-
grammed minimum duty cycle (default 0%) to
the programmed maximum duty cycle duty
cycle (default 100%) and then back down.
Each ramp takes up 50% of the programmed
period. The total period of each “breath” is
determined by the LED Breathe Period con-
trols - see Section 6.34.
Touch Detected or
LED Output Con-
trol bit set
Release
Detected or
LED Output
Control bit
cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com