Electronic Components Datasheet Search
  English  ▼

X  

LAN7500I Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN7500I
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500I Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN7500I Datasheet HTML 42Page - Microchip Technology LAN7500I Datasheet HTML 43Page - Microchip Technology LAN7500I Datasheet HTML 44Page - Microchip Technology LAN7500I Datasheet HTML 45Page - Microchip Technology LAN7500I Datasheet HTML 46Page - Microchip Technology LAN7500I Datasheet HTML 47Page - Microchip Technology LAN7500I Datasheet HTML 48Page - Microchip Technology LAN7500I Datasheet HTML 49Page - Microchip Technology LAN7500I Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 46
 2014 Microchip Technology Inc
Note 7.5
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down
and pull-up resistors add +/- 50uA per-pin (typical).
Note 7.6
This is the total 5.5V input leakage for the entire device.
Note 7.7
XI can optionally be driven from a 25MHz single-ended clock oscillator.
Note 7.8
IEEE 802.ab Test Mode 1
Note 7.9
From 1/2 of average VOP, Test Mode 1
Note 7.10 IEEE 802.ab distortion processing
Note 7.11 Measured at line side of transformer, line replaced by 100
 (+/- 1%) resistor.
Note 7.12 Offset from 16nS pulse width at 50% of pulse peak.
Note 7.13 Measured differentially.
Table 7.12 1000BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage
VOP
670
820
mV
Note 7.8
Signal Amplitude Symmetry
VSS
1%
Note 7.8
Signal Scaling
VSC
2%
Note 7.9
Output Droop
VOD
73.1
%
Note 7.8
Transmission Distortion
10
mV
Note 7.10
Table 7.13 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 7.11
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 7.11
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 7.11
Signal Rise and Fall Time
TRF
3.0
-
5.0
nS
Note 7.11
Rise and Fall Symmetry
TRFS
-
-
0.5
nS
Note 7.11
Duty Cycle Distortion
DCD
35
50
65
%
Note 7.12
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 7.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com