Electronic Components Datasheet Search
  English  ▼

X  

LAN7500I Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN7500I
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500I Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN7500I Datasheet HTML 13Page - Microchip Technology LAN7500I Datasheet HTML 14Page - Microchip Technology LAN7500I Datasheet HTML 15Page - Microchip Technology LAN7500I Datasheet HTML 16Page - Microchip Technology LAN7500I Datasheet HTML 17Page - Microchip Technology LAN7500I Datasheet HTML 18Page - Microchip Technology LAN7500I Datasheet HTML 19Page - Microchip Technology LAN7500I Datasheet HTML 20Page - Microchip Technology LAN7500I Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001734A-page 17
2.1
Pin Assignments
1
Ethernet
+1.2V Bias
Power Supply
Input
VDD12BIAS
P
Refer to Chapter 6, "Application Diagrams," on
page 36 and the LAN7500/LAN7500i reference
schematics for additional connection information.
1
Ethernet PLL
+1.2V Power
Supply Input
VDD12PLL
P
Refer toChapter 6, "Application Diagrams," on
page 36 and the LAN7500/LAN7500i reference
schematics for additional connection information.
Exposed
pad on
package
bottom
(Figure 2.1)
Ground
VSS
P
Common Ground
Table 2.8 56-QFN Package Pin Assignments
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
1
TDI
15
VDD33A
29
EECS
43
TR0N
2
TCK
16
USBRBIAS
30
VDD12CORE
44
TR0P
3
TMS
17
VDD12USBPLL
31
GPIO0/LED0
45
VDD12A
4
TDO
18
GPIO8
32
GPIO1/LED1
46
TR1N
5
XI
19
VDDVARIO
33
GPIO2/LED2
47
TR1P
6
XO
20
VDD12CORE
34
GPIO3/LED3
48
VDD12A
7
VDDVARIO
21
GPIO9
35
GPIO4/LED4
49
VDD12BIAS
8
VDD12CORE
22
GPIO10
36
VDD12CORE
50
VDD12PLL
9
SW_MODE
23
VDD12CORE
37
VDDVARIO
51
TR2N
10
GPIO7
24
VDDVARIO
38
GPIO5/PME
52
TR2P
11
VDD12CORE
25
GPIO11
39
TEST
53
VDD12A
12
USBDM
26
EECLK
40
GPIO6/
PME_MODE_SEL
54
TR3N
13
USBDP
27
EEDI
41
ETHRBIAS
55
TR3P
14
VBUS_DET
28
EEDO
42
nRESET/
PME_CLEAR
56
VDD12A
EXPOSED PAD
MUST BE CONNECTED TO VSS
Table 2.7 I/O Power Pins, Core Power Pins, and Ground Pad (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com