Electronic Components Datasheet Search
  English  ▼

X  

LAN7500I Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN7500I
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500I Datasheet(HTML) 1 Page - Microchip Technology

  LAN7500I Datasheet HTML 1Page - Microchip Technology LAN7500I Datasheet HTML 2Page - Microchip Technology LAN7500I Datasheet HTML 3Page - Microchip Technology LAN7500I Datasheet HTML 4Page - Microchip Technology LAN7500I Datasheet HTML 5Page - Microchip Technology LAN7500I Datasheet HTML 6Page - Microchip Technology LAN7500I Datasheet HTML 7Page - Microchip Technology LAN7500I Datasheet HTML 8Page - Microchip Technology LAN7500I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2014 Microchip Technology Inc.
DS00001734A-page 1
Datasheet
PRODUCT FEATURES
LAN7500/LAN7500i
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Highlights
Single Chip Hi-Speed USB 2.0 to 10/100/1000
Ethernet Controller
10/100/1000 Ethernet MAC with Full-Duplex Support
10/100/1000 Ethernet PHY with HP Auto-MDIX
Integrated USB 2.0 Hi-Speed Device Controller
Integrated USB 2.0 Hi-Speed PHY
Implements Reduced Power Operating Modes
Supports EEPROM-less Operation for Reduced BOM
NetDetach provides automatic USB attach/detach
when Ethernet cable is connected/removed
Target Applications
Embedded Systems / CE Devices
Set-Top Boxes / PVR’s
Networked Printers
USB Port Replicators
Standalone USB to Ethernet Dongles
Test Instrumentation / Industrial
Key Benefits
USB Device Controller
— Fully compliant with USB Specification Revision 2.0
— Supports HS (480 Mbps) and FS (12 Mbps) modes
— Four endpoints supported
— Supports vendor specific commands
— Integrated USB 2.0 PHY
— Remote wakeup supported
High-Performance 10/100/1000 Ethernet Controller
— Fully compliant with IEEE802.3/802.3u/802.3ab
— Integrated Ethernet MAC and PHY
— 10BASE-T, 100BASE-TX, and 1000BASE-T support
— Full- and half-duplex capability (only full-duplex
operation at 1000Mbps)
— Full-duplex flow control
— Preamble generation and removal
— Automatic 32-bit CRC generation and checking
— 9 KB jumbo frame support
— Automatic payload padding and pad removal
— Loop-back modes
— Supports checksum offloads (IPv4, IPv6, TCP, UDP)
— Supports Microsoft NDIS 6.2 large send offload
— Supports IEEE 802.1q VLAN tagging
– Ability to add and strip IEEE 802.1q VLAN tags
– VLAN tag based packet filtering (all 4096 VIDs)
— Flexible address filtering modes
– 33 exact matches (unicast or multicast)
– 512-bit hash filter for multicast frames
– Pass all multicast
– Promiscuous unicast/multicast modes
– Inverse filtering
– Pass all incoming with status report
— Wakeup packet support
– Perfect DA frame, wakeup frame, magic packet,
broadcast frame, IPv6 & IPv4 TCP SYN
– 8 programmable 128-bit wakeup frame filters
— ARP and NS offload
— PME pin support
— Integrated Ethernet PHY
– Auto-negotiation
– Automatic polarity detection and correction
– HP Auto-MDIX support
– Link status change wake-up detection
— Support for 5 status LEDs
— Supports various statistical counters
Power and I/Os
— Various low power modes
— 12 GPIOs
— Supports bus-powered and self-powered operation
— Variable voltage I/O supply (2.5V/3.3V)
Miscellaneous Features
— EEPROM Controller
— IEEE 1149.1 (JTAG) Boundary Scan
— Requires single 25 MHz crystal
Software
— Windows XP/ Vista / Windows 7 Driver
— Linux Driver
— Win CE Driver
— MAC OS Driver
— EEPROM/Manufacturing Utility for Windows/DOS
— PXE Support
— DOS ODI Driver
Packaging
— 56-pin QFN (8x8 mm), RoHS compliant
Environmental
— Commercial Temperature Range (0°C to +70°C)
— Industrial Temperature Range (-40°C to +85°C)


Similar Part No. - LAN7500I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN7500 SMSC-LAN7500 Datasheet
688Kb / 2P
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
More results

Similar Description - LAN7500I

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
logo
SMSC Corporation
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
logo
Tripp Lite. All Rights ...
U236000GBW TRIPPLITE-U236000GBW Datasheet
477Kb / 2P
USB 2.0 Hi-Speed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
U236000R TRIPPLITE-U236000R Datasheet
493Kb / 2P
USB 2.0 Hi-Speed to Ethernet NIC Network Adapter,10-100 Mbps
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9730 MICROCHIP-LAN9730 Datasheet
1Mb / 222P
High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
07/14/15
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
Hi-Speed USB to 10/100 Ethernet Bridge
XR22801 EXAR-XR22801 Datasheet
418Kb / 42P
Hi-Speed USB to 10/100 Ethernet Bridge
XR22802 EXAR-XR22802 Datasheet
728Kb / 46P
Hi-Speed USB to 10/100 Ethernet Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com