Electronic Components Datasheet Search
  English  ▼

X  

LAN7500I Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN7500I
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500I Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN7500I Datasheet HTML 4Page - Microchip Technology LAN7500I Datasheet HTML 5Page - Microchip Technology LAN7500I Datasheet HTML 6Page - Microchip Technology LAN7500I Datasheet HTML 7Page - Microchip Technology LAN7500I Datasheet HTML 8Page - Microchip Technology LAN7500I Datasheet HTML 9Page - Microchip Technology LAN7500I Datasheet HTML 10Page - Microchip Technology LAN7500I Datasheet HTML 11Page - Microchip Technology LAN7500I Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 8
 2014 Microchip Technology Inc
1.1.2
USB
The USB portion of the LAN7500/LAN7500i integrates a Hi-Speed USB 2.0 device controller and USB
PHY.
The USB device controller contains a USB low-level protocol interpreter which implements the USB
bus protocol, packet generation/extraction, PID/Device ID parsing, and CRC coding/decoding, with
autonomous error handling. The USB device controller is capable of operating in USB 2.0 Hi-Speed
and Full-Speed compliant modes and contains autonomous protocol handling functions such as
handling of suspend/resume/reset conditions, remote wakeup, and stall condition clearing on Setup
packets. The USB device controller also autonomously handles error conditions such as retry for CRC
and data toggle errors, and generates NYET, STALL, ACK and NACK handshake responses,
depending on the endpoint buffer status.
The LAN7500/LAN7500i implements four USB endpoints: Control, Interrupt, Bulk-in, and Bulk-out. The
Bulk-in and Bulk-out Endpoints allow for Ethernet reception and transmission respectively.
Implementation of vendor-specific commands allows for efficient statistics gathering and access to the
device’s system control and status registers.
1.1.3
FIFO Controller
The FIFO controller uses two internal SRAMs to buffer RX and TX traffic. Bulk-Out packets from the
USB controller are directly stored into the TX buffer. The FIFO Controller is responsible for extracting
Ethernet frames from the USB packet data and passing the frames to the MAC. Received Ethernet
Frames are filtered by the Receive Filtering Engine and frames meeting the filtering constraints are
stored into the RX buffer and become the basis for bulk-in packets.
1.1.4
Ethernet
The LAN7500/LAN7500i integrates an IEEE 802.3/802.3u/802.3ab compliant PHY for twisted pair
Ethernet applications and a 10/100/1000 Ethernet Media Access Controller (MAC).
The PHY can be configured for 1000 Mbps (1000BASE-T), 100 Mbps (100BASE-TX) or 10 Mbps
(10BASE-T) operation in Full-Duplex mode. It can be configured for 100 Mbps or 10 Mbps operation
in Half Duplex mode. The PHY block includes auto-negotiation, auto-polarity correction, and Auto-
MDIX. Minimal external components are required for the utilization of the Integrated PHY.
The Ethernet MAC/PHY supports numerous power management wakeup features, including “Magic
Packet”, “Wake on LAN”, and “Link Status Change”. Microsoft NDIS 6.2 and Windows 7 compliant ARP
and NS offload support is also provided.The device will respond to an NS or ARP request by
generating and transmitting a response. When received in a SUSPEND state, an NS or ARP request
will not result in the generation of a wake event. Additionally, five status LEDs are supported.
1.1.5
Frame Filtering
The LAN7500/LAN7500i Receive Filtering Engine performs frame filtering. It supports 33 perfect
address filters. These can be used to filter either the Ethernet source address or destination address.
Additional address filtering is available via a 512-bit hash filter. The hash filter can perform unicast or
multicast filtering.
VLAN tagged frames can be filtered via the VLAN ID. A 4096-bit table exists to support all possible
VLAN IDs. The VLAN type can be programmed. Double tagging is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com