Electronic Components Datasheet Search
  English  ▼

X  

BTS707 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS707
Description  Smart Two Channel Highside Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS707 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS707 Datasheet HTML 1Page - Infineon Technologies AG BTS707 Datasheet HTML 2Page - Infineon Technologies AG BTS707 Datasheet HTML 3Page - Infineon Technologies AG BTS707 Datasheet HTML 4Page - Infineon Technologies AG BTS707 Datasheet HTML 5Page - Infineon Technologies AG BTS707 Datasheet HTML 6Page - Infineon Technologies AG BTS707 Datasheet HTML 7Page - Infineon Technologies AG BTS707 Datasheet HTML 8Page - Infineon Technologies AG BTS707 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BTS 707
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
2003-Oct-01
Turn-on time
to 90% VOUT:
Turn-off time
to 10% VOUT:
RL = 12
Ω, V
bb = 20 V, T
j =-40...+150°C
ton
toff
15
20
--
--
80
70
µs
Slew rate on
10 to 30% VOUT, RL = 12
Ω, V
bb = 20 V,
Tj =-40...+150°C:
dV/dton
--
--
6
V/
µs
Slew rate off
70 to 40% VOUT, RL = 12
Ω, V
bb = 20 V,
Tj =-40...+150°C:
-dV/dtoff
--
--
7
V/
µs
Operating Parameters
Operating voltage4)
Tj =-40...+150°C: Vbb(on)
5.8
--
58
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
2.7
--
4.7
V
Undervoltage restart
Tj =-40...+150°C: Vbb(u rst)
--
--
4.9
V
Undervoltage restart of charge pump
see diagram page 10
Tj =-40...+150°C:
Vbb(ucp)
--
5.6
7.5
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.4
--
V
Overvoltage protection5)
Tj =-40...+150°C:
I bb = 40 mA
Vbb(AZ)
65
70
--
V
Standby current, all channels off
VIN = 0
Tj =150°C:
Ibb(off)
--
--
20
70
µA
Operating current 6), VIN = 5V, Tj =-40...+150°C
IGND = IGND1 + IGND2,
one channel on:
two channels on:
IGND
--
--
2.2
4.4
--
--
mA
Protection Functions7)
Initial peak short circuit current limit, (see timing
diagrams, page 9)
each channel, Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL(SCp)
--
--
4.0
--
10
--
19
--
--
A
two parallel channels
twice the current of one channel
Output clamp (inductive load switch off)8)
at VON(CL) = Vbb - VOUT
VON(CL)
59
--
75
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
4)
At supply voltage increase up to Vbb = 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V
5)
see also VON(CL) in circuit diagram on page 7.
6
)
Add IST, if IST > 0
7)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not
designed for continuous repetitive operation.
8
)
If channels are connected in parallel, output clamp is usually accomplished by the channel with the lowest
VON(CL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com