Electronic Components Datasheet Search
  English  ▼

X  

BTS707 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS707
Description  Smart Two Channel Highside Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS707 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS707 Datasheet HTML 1Page - Infineon Technologies AG BTS707 Datasheet HTML 2Page - Infineon Technologies AG BTS707 Datasheet HTML 3Page - Infineon Technologies AG BTS707 Datasheet HTML 4Page - Infineon Technologies AG BTS707 Datasheet HTML 5Page - Infineon Technologies AG BTS707 Datasheet HTML 6Page - Infineon Technologies AG BTS707 Datasheet HTML 7Page - Infineon Technologies AG BTS707 Datasheet HTML 8Page - Infineon Technologies AG BTS707 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTS 707
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
2003-Oct-01
Reverse Battery
Reverse battery voltage 9)
-Vbb
--
--
32
V
Diagnostic Characteristics
Open load detection current
IL(off)
--
6
--
µA
Open load detection voltage
Tj =-40..+150°C: VOUT(OL)
2.4
3
4V
Short circuit detection voltage
(pin 3 to 5)
VON(SC)
--
2.5
--
V
Input and Status Feedback10)
Input resistance
(see circuit page 7)
RI
--
20
--
k
Ω
Input turn-on threshold voltage
VIN(T+)
1
--
2.5
V
Input turn-off threshold voltage
VIN(T-)
0.8
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V:
IIN(off)
1
--
30
µA
On state input current
VIN = 2.5 V:
IIN(on)
10
25
70
µA
Delay time for status with open load
(see timing diagrams, page 10)
td(ST OL3)
--
200
--
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
6.1
--
--
0.4
V
9
)
Requires a 150
Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 3 and circuit page 7).
10) If ground resistors R
GND are used, add the voltage drop across these resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com