Electronic Components Datasheet Search
  English  ▼

X  

BTS707 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS707
Description  Smart Two Channel Highside Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS707 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS707 Datasheet HTML 1Page - Infineon Technologies AG BTS707 Datasheet HTML 2Page - Infineon Technologies AG BTS707 Datasheet HTML 3Page - Infineon Technologies AG BTS707 Datasheet HTML 4Page - Infineon Technologies AG BTS707 Datasheet HTML 5Page - Infineon Technologies AG BTS707 Datasheet HTML 6Page - Infineon Technologies AG BTS707 Datasheet HTML 7Page - Infineon Technologies AG BTS707 Datasheet HTML 8Page - Infineon Technologies AG BTS707 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROFET® BTS 707
Semiconductor Group
1 of 12
2003-Oct-01
Smart Two Channel Highside Power Switch
Features
• Overload protection
• Current limitation
• Short-circuit protection
• Thermal shutdown
• Overvoltage protection
• Fast demagnetization of inductive loads
• Reverse battery protection1)
• Open drain diagnostic output
• Open load detection in OFF-state
• CMOS compatible input
• Loss of ground and loss of V
bb protection
• Electrostatic discharge (ESD) protection
Application
• µC compatible power switch with diagnostic feedback
for 12 V and 24 V DC grounded loads
• Most suitable for inductive loads
• Replaces electromechanical relays, fuses and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic
feedback, monolithically integrated in Smart SIPMOS
technology.
Providing embedded protective functions.
Pin Definitions and Functions
Pin
Symbol
Function
1,10,
11,12,
15,16,
19,20
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
3
IN1
Input 1,2, activates channel 1,2 in case of
7
IN2
logic high signal
17,18
OUT1
Output 1,2, protected high-side power output
13,14
OUT2
of channel 1,2. Design the wiring for the max.
short circuit current
4
ST1
Diagnostic feedback 1,2 of channel 1,2,
8
ST2
open drain, low in on state on failure or high in
off state on failure
2
GND1
Ground 1 of chip 1 (channel 1)
6
GND2
Ground 2 of chip 2 (channel 2)
5,9
N.C.
Not Connected
1
)
With external current limit (e.g. resistor RGND=150 Ω) in GND connection, resistor in series with ST
connection, reverse load current limited by connected load.
Product Summary
Overvoltage Protection
Vbb(AZ)
65
V
Operating voltage
Vbb(on)
5.8 ... 58
V
active channels:
one
two parallel
On-state resistance
RON
250
125
m
Ω
Nominal load current
IL(NOM)
1.9
2.8
A
Pin configuration (top view)
Vbb 1 •
20 Vbb
GND1
2
19 Vbb
IN1
3
18 OUT1
ST1
4
17 OUT1
N.C.
5
16 Vbb
GND2
6
15 Vbb
IN2
7
14 OUT2
ST2
8
13 OUT2
N.C.
9
12 Vbb
Vbb 10
11 Vbb


Similar Part No. - BTS707

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS707 SIEMENS-BTS707 Datasheet
162Kb / 12P
Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results

Similar Description - BTS707

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
Smart Highside Power Switch
logo
Infineon Technologies A...
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com