Electronic Components Datasheet Search
  English  ▼

X  

C505C Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # C505C
Description  8-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C505C Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button C505C Datasheet HTML 27Page - Infineon Technologies AG C505C Datasheet HTML 28Page - Infineon Technologies AG C505C Datasheet HTML 29Page - Infineon Technologies AG C505C Datasheet HTML 30Page - Infineon Technologies AG C505C Datasheet HTML 31Page - Infineon Technologies AG C505C Datasheet HTML 32Page - Infineon Technologies AG C505C Datasheet HTML 33Page - Infineon Technologies AG C505C Datasheet HTML 34Page - Infineon Technologies AG C505C Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
C505/C505C/C505A/C505CA
Data Sheet
27
12.00
I/O Ports
The C505 has four 8-bit I/O ports and one 2-bit I/O port. Port 0 is an open-drain bidirectional I/O
port, while ports 1 to 4 are quasi-bidirectional I/O ports with internal pullup resistors. That means,
when configured as inputs, ports 1 to 4 will be pulled high and will source current when externally
pulled low. Port 0 will float when configured as input.
The output drivers of port 0 and 2 and the input buffers of port 0 are also used for accessing external
memory. In this application, port 0 outputs the low byte of the external memory address, time
multiplexed with the byte being written or read. Port 2 outputs the high byte of the external memory
address when the address is 16 bits wide. Otherwise, the port 2 pins continue emitting the P2 SFR
contents. In this function, port 0 is not an open-drain port, but uses a strong internal pullup FET .
Port 4 is 2-bit I/O port with CAN controller specific alternate functions. The eight analog input lines
are realized as mixed digital/analog inputs. The 8 analog inputs, AN0-AN7, are located at the port
1 pins P1.0 to P1.7. After reset, all analog inputs are disabled and the related pins of port 1 are
configured as digital inputs. The analog function of a specific port 1 pin is enabled by bits in the SFR
P1ANA. Writing a 0 to a bit position of P1ANA assigns the corresponding pin to operate as analog
input.
Note : P1ANA is a mapped SFR and can be only accessed if bit RMAP in SFR SYSCON is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com