Electronic Components Datasheet Search
  English  ▼

X  

C505C Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # C505C
Description  8-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C505C Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button C505C Datasheet HTML 70Page - Infineon Technologies AG C505C Datasheet HTML 71Page - Infineon Technologies AG C505C Datasheet HTML 72Page - Infineon Technologies AG C505C Datasheet HTML 73Page - Infineon Technologies AG C505C Datasheet HTML 74Page - Infineon Technologies AG C505C Datasheet HTML 75Page - Infineon Technologies AG C505C Datasheet HTML 76Page - Infineon Technologies AG C505C Datasheet HTML 77Page - Infineon Technologies AG C505C Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
C505/C505C/C505A/C505CA
Data Sheet
70
12.00
AC Characteristics (16 MHz, 0.4 to 0.6 Duty Cycle, cont’d)
Note: The 16 MHz values in the tables are given as an example for a typical duty cycle variation of
the oscillator clock from 0.4 to 0.6.
External Clock Drive Characteristics
Parameter
Symbol
CPU Clock = 16 MHz
Duty Cycle 0.4 to 0.6
Variable CPU Clock
1/CLP = 2 to 16 MHz
Unit
min.
max.
min.
max.
Oscillator period
CLP
62.5
62.5
62.5
500
ns
High time
TCL
H
25
–
25
CLP - TCLL
ns
Low time
TCL
L
25
–
25
CLP - TCLH
ns
Rise time
t
R
–
10
–
10
ns
Fall time
t
F
–
10
–
10
ns
Oscillator duty cycle
DC
0.4
0.6
25 / CLP
1 - 25 / CLP
–
Clock cycle
TCL
25
37.5
CLP * DCmin
CLP * DCmax ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com